Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFL Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # MFL
Description  SMD current sensing resistor- metal film
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

MFL Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  MFL Datasheet HTML 1Page - Eaton All Rights Reserved. MFL Datasheet HTML 2Page - Eaton All Rights Reserved. MFL Datasheet HTML 3Page - Eaton All Rights Reserved. MFL Datasheet HTML 4Page - Eaton All Rights Reserved. MFL Datasheet HTML 5Page - Eaton All Rights Reserved. MFL Datasheet HTML 6Page - Eaton All Rights Reserved. MFL Datasheet HTML 7Page - Eaton All Rights Reserved. MFL Datasheet HTML 8Page - Eaton All Rights Reserved. MFL Datasheet HTML 9Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Technical Data ELX1181
Effective June 2022
MFL
SMD current sensing resistor- metal film
www.eaton.com/electronics
Mechanical parameters- Inches [mm]
Recommended PCB layout
- mm
Family
Size code
L
W
C
d
t
MFL0402
0402
[1005]
0.039 + 0.004/-0.002
[1.00 + 0.1/-0.05]
0.020 ± 0.002
[0.50 ± 0.05]
0.008 ± 0.004
[0.20 ± 0.10]
0.010 ± 0.004
[0.25 ± 0.10]
0.014 ± 0.002
[0.35 ± 0.05]
MFL0603
1/8 W
0603
[1608]
0.063 ± 0.004
[1.60 ± 0.10]
0.031 ± 0.004
[0.80 ± 0.10]
0.012 ± 0.008
[0.30 ± 0.20]
0.014 ± 0.008
[0.35 ± 0.20]
0.018 ± 0.004
[0.45 ± 0.10]
MFL0603
1/4 W
0603
[1608]
0.063 ± 0.004
[1.60 ± 0.10]
0.035 ± 0.004
[0.90 ± 0.10]
0.019 ± 0.004
[0.47 ± 0.10]
0.019 ± 0.004
[0.47 ± 0.10]
0.020 ± 0.004
[0.50 ± 0.10]
MFL0805
0805
[2012]
0.079 ± 0.004
[2.00 ± 0.10]
0.051 ± 0.004
[1.30 ± 0.10]
0.022 ± 0.004
[0.55 ± 0.10]
0.022 ± 0.004
[0.55 ± 0.10]
0.014 ± 0.004
[0.62 ± 0.10]
MFL1206
1206
[3216]
0.122 ± 0.004
[3.10 ± 0.10]
0.063 ± 0.004
[1.60 ± 0.10]
0.043 ± 0.008
[1.10 ± 0.20]
0.043 ± 0.008
[1.10 ± 0.20]
0.024 ± 0.008
[0.62 ± 0.20]
MFL1210
1210
[3225]
0.122 ± 0.008
[3.10 ± 0.20]
0.100 ± 0.008
[2.55 ± 0.20]
0.020 ± 0.012
[0.50 ± 0.30]
0.020 ± 0.008
[0.50 ± 0.20]
0.022 ± 0.006
[0.55 ± 0.15]
Construction
Family
a
b
L
MFL0402
0.80
0.55
0.55
MFL0603
1/8 W
1.10
0.85
0.8
MFL0603
1/4 W
1.20
0.62
0.8
MFL0805
1.60
0.70
1.2
MFL1206
1.90
1.25
2.2
MFL1210
2.85
1.30
2.2
1. The copper foil minimum thickness of PCB needs 3 oz.
2. PCB layout dimension tolerance is +/-0.1 mm.
3. The resistance will change slightly after soldered; it is dependent on PCB pad size deign
and it’s necessary to consider the effect of the resistance increase or decrease.
Family
Marking
MFL0402
No marking
MFL0603
1/4 W
MFL0603
1/8 W
Detail in next table
MFL0805
Rxxx: (xxx= resistance value in ohms
expressed in 3 digits
015 = 0.015 Ω or 15 mΩ
100 = 0.100 Ω = 100 mΩ
MFL1206
MFL1210
Part marking
MFL0603 (1/8 W)
Value
Marking
Value
Marking
Value
Marking
100
01Z
250
025
510
051
110
05Z
270
027
560
056
120
012
300
030
600
060
130
12Z
330
033
620
062
150
18Z
360
036
680
068
160
016
390
039
700
070
180
018
400
040
750
85Z
200
30Z
430
043
820
082
220
022
470
047
910
091
240
024
500
050



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com