Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B43821 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # B43821
Description  Single Ended GP - Capacitors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

B43821 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  B43821 Datasheet HTML 1Page - List of Unclassifed Manufacturers B43821 Datasheet HTML 2Page - List of Unclassifed Manufacturers B43821 Datasheet HTML 3Page - List of Unclassifed Manufacturers B43821 Datasheet HTML 4Page - List of Unclassifed Manufacturers B43821 Datasheet HTML 5Page - List of Unclassifed Manufacturers B43821 Datasheet HTML 6Page - List of Unclassifed Manufacturers B43821 Datasheet HTML 7Page - List of Unclassifed Manufacturers B43821 Datasheet HTML 8Page - List of Unclassifed Manufacturers B43821 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Type
B41821
B43821
Voltage endurance test
hrs
2000 h, 85° C
(at UN)
Evaluation criteria:
∆ C/C ≤ ± 30% of initial measured value
Tan
δ ≤ 2 times initial specified value
IL
≤ initial specifies value
Climatic category
In accordance with
IEC 68-1
UCT/
LCT
40/085/56
40/085/56 - UN
≤ 250 V
25/085/56 - UN
≥ 350 V
Standards
IEC 384-4
DIN 45 910 part 12
Vibration resistance
In accordance eith IEC 68-2-6, etst Fc:
displacement amplitude 0,75 min, frequency range
10...2000 Hz, acceleration max 10 g duration 3 x 2 h
Overview of available types
Type B 41821
UN (Vdc)
6,3
10
16
25
35
50
63
100
CN (µf)
Case dimensions Ø d x I (mm)
0,1
5x11
0,22
5x11
0,33
5x11
0,47
5x11
0,68
5x11
1
5x11
1,5
5x11
2,2
5x11
3,3
5x11
4,7
5x11
6,8
5x11
5x11
10
5x11
5x11
6,3x11
22
5x11
6,3x11
8x11
33
5x111
6,3x11
6,3x11
10x12,5
47
5x11
5x11
6,3x11
8x11
10x12,5/10x16
68
5x11
6,3x11
6,3x11
8x11
10x12,5
10x16
100
5x11
5x11
6,3x11
6,3x11/8x11
8x11
10x12,5
10x20
150
6,3x11
6,3x11
8x11
8x11
10x12,5
10x16
12,5x25
220
6,3x11
6,3x11
6,3x11/8x11
8x11
8x11
10x12,5
10x16
12,5x25
270
6,3x11
8x11
8x11
10x12,5
10x12,5
10x16
10x20
16x25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com