Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFHA2512 Datasheet(PDF) 4 Page - Eaton All Rights Reserved.

Part # MFHA2512
Description  SMD current sensing resistor-metal film
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

MFHA2512 Datasheet(HTML) 4 Page - Eaton All Rights Reserved.

  MFHA2512 Datasheet HTML 1Page - Eaton All Rights Reserved. MFHA2512 Datasheet HTML 2Page - Eaton All Rights Reserved. MFHA2512 Datasheet HTML 3Page - Eaton All Rights Reserved. MFHA2512 Datasheet HTML 4Page - Eaton All Rights Reserved. MFHA2512 Datasheet HTML 5Page - Eaton All Rights Reserved. MFHA2512 Datasheet HTML 6Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Technical Data ELX1178
Effective June 2022
MFHA
SMD current sensing resistor-metal film
www.eaton.com/electronics
Packaging information- mm
Supplied in tape and reel on a 7.0” diameter reel
(EIA-481 compliant)
Reel dimensions
Dimension
1206
2512
E
1.75 ± 0.1
1.75 ± 0.1
F
3.5 ± 0.05
5.5 ± 0.05
P2
2.0 ± 0.1
2.0 ± 0.1
D0
1.5 ± 0.1
1.5 ± 0.1
P0
4.0 ± 0.1
4.0 ± 0.1
W
8.0 ± 0.1
12.0 ± 0.1
P1
4.0 ± 0.1
4.0 ± 0.1
A0
2.0 ± 0.15
3.6 ± 0.2
B0
3.6 ± 0.2
6.9 ± 0.2
T
0.84 ± 0.1
0.85 ± 0.15
Size
A
B
C
D
N
W1
W2
W3
1206
178 ±2.0
3.5 ±0.5
13.0 ±1.0 na
60 ±1.0
9.0 ±1.0
11.5 ±1.0
na
2512
178 ±2.0
3.5 ±0.5
13.0 ±1.0 na
60 ±1.0
13.0 ±1.0
15.5 ±1.0
na
Size
Tape
Quantity
1206
7 inch paper
5K
2512
7 inch embossed
4K
Paper tape carrier drawing
Tape carrier and dimensions
Embossed tape carrier drawing



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com