Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L01Z Datasheet(PDF) 1 Page - TAMURA Corporation.

Part # L01Z
Description  Magnetic Proportion System / Through Type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAMURA [TAMURA Corporation.]
Direct Link  https://www.tamuracorp.com/
Logo TAMURA - TAMURA Corporation.

L01Z Datasheet(HTML) 1 Page - TAMURA Corporation.

  L01Z Datasheet HTML 1Page - TAMURA Corporation. L01Z Datasheet HTML 2Page - TAMURA Corporation. L01Z Datasheet HTML 3Page - TAMURA Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
L01Z SERIES
Magnetic Proportion System / Through Type
RoHS
38MAX
15
9
7.5
18.5MAX
3−□0.65
2−φ1
123
2.5
2.5
12.8
14.5
14.5
L01Z
S05
Lot No.
Terminal number
SPECIFICATIONS
Ta=25℃, RL=10kΩ, Vcc=+5V
Types
Spec
L01Z050S05 L01Z100S05 L01Z150S05 L01Z200S05 L01Z300S05 L01Z400S05 L01Z500S05 L01Z600S05
Primary norminal current
If
50AT
100AT
150AT
200AT
300AT
400AT
500AT
600AT
Saturation current
If max
If×1.25
Rated output voltage
Vo
Vref+1.5V±0.045V
(at If)
Vref + 1.5V ± 0.035V(at If)
Saturation output voltage
Vo
min/max
Vo min ≦ 0.5V, 4.5V ≦ Vo max
Offset voltage*1
Vof
Vref ± 0.035V
(at If = 0A)
Vref ± 0.030V(at If = 0A)
Output linearity(0A 〜 If)
εL
≦± 1%(at If)
Power supply voltage
Vcc
+5V±2%
Consumption current
Icc
≦ 15mA
di/dt Response time
tr
≦ 10µs(di/dt = 100A /µs)
Thermal drift of gain
TCVo
≦± 2mV / ℃
(Without Tc Vof)
≦± 1.5mV / ℃(Without Tc Vof)
Thermal drift of offset
TCVof
≦± 2mV / ℃
≦ ± 1mV / ℃
Hysteresis error
VOH
≦ 8mV(at If = 0A → If → 0A)
≦ 4mV(at If = 0A → If → 0A)
≦ 6mV(at If = 0A → If → 0A)
Insulation voltage
Vd
AC2500V for 1 minute(Sensing current 0.5mA)inside of through hole ⇔ terminal
Insulation resistance
RIS
≧ 500MΩ(at DC500V)inside of through hole ⇔ terminal
Ambient Operating temperature
TA
ー 20℃~+ 80℃
Ambient storage temperature
TS
ー 40℃~+ 85℃
*1
Vref=Vcc/2
DIMENSIONS (mm)
Terminal number
1 Vout
2 GND
3 + Vcc ( + 5V)
Weight:
45g
Note
Unless otherwise specified,
tolerances shall be ± 0.5mm
CURRENT SENSORS
L01Z
3 1307
1/1
82


Similar Part No. - L01Z

ManufacturerPart #DatasheetDescription
logo
Pycom
L01 PYCOM-L01 Datasheet
1Mb / 31P
the only triple bearer MicroPython enabled micro controller on the market today – the perfect enterprise grade IoT platform for your connected Things.
Version 1.0
logo
List of Unclassifed Man...
L01-6300 ETC2-L01-6300 Datasheet
2Mb / 2P
Input Voltage
L01-6301 ETC2-L01-6301 Datasheet
2Mb / 2P
Input Voltage
L01-6302 ETC2-L01-6302 Datasheet
2Mb / 2P
Input Voltage
L01-6303 ETC2-L01-6303 Datasheet
2Mb / 2P
Input Voltage
More results

Similar Description - L01Z

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LNJ211R8ARU PANASONIC-LNJ211R8ARU Datasheet
30Kb / 1P
Through-The-Board Type
logo
Sanyo Semicon Device
LA2211 SANYO-LA2211 Datasheet
297Kb / 10P
ARI System-SK Type
logo
List of Unclassifed Man...
MPF3230RSAI ETC2-MPF3230RSAI Datasheet
432Kb / 5P
Photoelectrics Through-beam System, Relay Output
logo
CITIZEN ELECTRONICS CO....
CB-12AP CITIZEN-CB-12AP Datasheet
451Kb / 2P
Small Magnetic Type Buzzer
logo
Vicor Corporation
18392 VICOR-18392 Datasheet
148Kb / 4P
16. Through-hole Socket Mount System (InMate)
logo
OPLINK Communications I...
MVOAT OPLINK-MVOAT Datasheet
202Kb / 2P
Attenuator Through Type
logo
Copal Electronics
RMS20 COPAL-RMS20 Datasheet
78Kb / 3P
MANUAL SETTING TYPE MAGNETIC ENCODERS
logo
TAMURA Corporation.
L32SS05FS TAMURA-L32SS05FS Datasheet
184Kb / 3P
Magnetic Proportion System / Through Type
L40SD15 TAMURA-L40SD15 Datasheet
409Kb / 6P
Magnetic Proportion System / Through Type
LA17P-S05 TAMURA-LA17P-S05 Datasheet
661Kb / 7P
Magnetic Proportion System / Non ratiometric output, Vref-OUT/IN mode, Ta=105℃ Operating,
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com