Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC1601A Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # BC1601A
Description  LCD MODULE SPECIFICATION
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

BC1601A Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button BC1601A Datasheet HTML 3Page - List of Unclassifed Manufacturers BC1601A Datasheet HTML 4Page - List of Unclassifed Manufacturers BC1601A Datasheet HTML 5Page - List of Unclassifed Manufacturers BC1601A Datasheet HTML 6Page - List of Unclassifed Manufacturers BC1601A Datasheet HTML 7Page - List of Unclassifed Manufacturers BC1601A Datasheet HTML 8Page - List of Unclassifed Manufacturers BC1601A Datasheet HTML 9Page - List of Unclassifed Manufacturers BC1601A Datasheet HTML 10Page - List of Unclassifed Manufacturers BC1601A Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
Bolymin, Inc.
◆◆◆
6. Optical Characteristics
a. STN
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
(V)θ
CR≧2
10
45
deg
View Angle
(H)φ
CR≧2
-30
30
deg
Contrast Ratio
CR
-
3
-
T rise
-
100
150
ms
Response Time
25℃
T fall
-
150
200
ms
b. FSTN
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
(V)θ
CR≧3
10
60
deg
View Angle
(H)φ
CR≧3
-45
45
deg
Contrast Ratio
CR
-
5
-
T rise
-
100
150
ms
Response Time
25℃
T fall
-
150
200
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com