Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWF050P-24 Datasheet(PDF) 1 Page - Sanken electric

Part # SWF050P-24
Description  High Peak Load Switch Mode Power Supplies With Current Resonant Switching
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SWF050P-24 Datasheet(HTML) 1 Page - Sanken electric

  SWF050P-24 Datasheet HTML 1Page - Sanken electric SWF050P-24 Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SANKEN ELECTRIC CO., LTD.
http://www.sanken-ele.co.jp/en/
SWF240P-24
240 W
SWF050P-24
50 W
L Chassis
Chassis and Cover
SWF100P-24
100 W
SWF150P-24
150 W
High Peak Load Switch Mode Power Supplies
With Current Resonant Switching
SWF Series
SWF-PD01
Features and Benefits
• Supports peak loading up to 2 times rated current (10 s max.)
• World wide input (85 to 264 VAC)
• High efficiency and low noise via current switching technology
• CE marking for Low Voltage Differential
• Conductive emission class B (VCCI class B, FCC class B,
EN55022 class B)
• Safety standards: UL60950-1, C-UL (CSA60950-1),
SEMKO (EN60950-1)
• Options: remote on / off control, chassis, and cover;
terminal stand for SWF240P
July 17, 2013
Applications
• Solenoid / motor driver applications for
general industrial and commercial equipment
The SWF series are compact, wide ranging power supplies,
providing peak power capability that supports twice the rated
output, making them ideal for motorized applications. They offer
low noise and high efficiency by current resonant circuitry.
Specifications
SWF050P-24
SWF100P-24
SWF150P-24
SWF240P-24
Rated Output Power
50 W
100 W
150 W
240 W
Peak Current (10 s max.)
4.2 A
8.4 A
12.6 A
20 A
Rated Output Current
2.1 A
4.2 A
6.3 A
10 A
Rated Output Voltage
24 V
Dimensions (mm)
50 × 28.5 × 132
62 × 33.5 × 155
75 × 37 × 160
84 × 42 × 180
Optional Configurations
Basic Units


Similar Part No. - SWF050P-24

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SWF10N60 SEMIPOWER-SWF10N60 Datasheet
799Kb / 7P
N-channel MOSFET
SWF10N65 SEMIPOWER-SWF10N65 Datasheet
763Kb / 7P
N-channel MOSFET
logo
Shenzhen Sunnyway Batte...
SWF121000 SUNNYWAY-SWF121000 Datasheet
488Kb / 1P
Front Terminal Battery
SWF121000 SUNNYWAY-SWF121000 Datasheet
412Kb / 1P
Front Terminal Battery
SWF121000 SUNNYWAY-SWF121000_1 Datasheet
412Kb / 1P
Front Terminal Battery
More results

Similar Description - SWF050P-24

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1379 ONSEMI-NCP1379 Datasheet
346Kb / 22P
Quasi-Resonant Current-Mode Controller for High-Power Universal Off-line Supplies
December, 2009 ??Rev. P0
NCP1380 ONSEMI-NCP1380 Datasheet
417Kb / 26P
Quasi-Resonant Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2009 ??Rev. 1
logo
TRIAD MAGNETICS
TLM4036DC-0700 TRIAD-TLM4036DC-0700 Datasheet
53Kb / 1P
Switch Mode Power Supplies Encapsulated Constant Current
logo
Sanken electric
STR-Y6700 SANKEN-STR-Y6700 Datasheet
189Kb / 2P
Power IC for Quasi-Resonant Mode Switching Power Supplies with Low Standby Power
logo
Fairchild Semiconductor
AN-6861 FAIRCHILD-AN-6861 Datasheet
468Kb / 12P
a Flyback Power Supply with Peak Load Current Profile
logo
ON Semiconductor
NCP1336A ONSEMI-NCP1336A Datasheet
1,004Kb / 26P
Quasi-Resonant Current Mode Controller for High Power Universal Off-Line Supplies
July, 2012 ??Rev. 0
NCP1379 ONSEMI-NCP1379_11 Datasheet
314Kb / 22P
Quasi-Resonant Current-Mode Controller for High-Power Universal Off-line Supplies
July, 2011 ??Rev. 2
NCP1380 ONSEMI-NCP1380_12 Datasheet
388Kb / 26P
Quasi-Resonant Current-Mode Controller for High-Power Universal Off-Line Supplies
June, 2012 ??Rev. 4
NCP1336A ONSEMI-NCP1336A_V01 Datasheet
1,022Kb / 27P
Quasi-Resonant Current Mode Controller for High Power Universal Off-Line Supplies
March, 2017 - Rev. 4
NCP1380 ONSEMI-NCP1380_V01 Datasheet
424Kb / 28P
Quasi-Resonant Current-Mode Controller for High-Power Universal Off-Line Supplies
February, 2018 - Rev. 6
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com