Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPM1100-CAAA-E-R7 Datasheet(PDF) 2 Page - Nordic Semiconductor

Part # NPM1100-CAAA-E-R7
Description  Extremely compact Power Management IC (PMIC) with power path and charging
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NPM1100-CAAA-E-R7 Datasheet(HTML) 2 Page - Nordic Semiconductor

  NPM1100-CAAA-E-R7 Datasheet HTML 1Page - Nordic Semiconductor NPM1100-CAAA-E-R7 Datasheet HTML 2Page - Nordic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
nPM1100 PMIC Product Brief Version 1.1
For more information please visit: nordicsemi.com/nPM1100
Headquarters:
Trondheim, Norway
Tel: +47 72 89 89 00
For more information:
Visit nordicsemi.com/products for full
overview of our product range.
About Nordic Semiconductor:
Nordic Semiconductor is a fabless
semiconductor company specializing in
wireless technology that powers the IoT.
WORLD WIDE
OFFICE LOCATIONS
SHENZHEN,
SHANGHAI, CHINA
BEIJING, CHINA
PORTLAND, USA
MANILA,
ESPOO, FINLAND
TAMPERE, FINLAND
TURKU, FINLAND
YOKOHAMA, JAPAN
SEOUL, KOREA
OSLO, NORWAY
UNITED KINGDOM
STOCKHOLM, SWEDEN
LUND, SWEDEN
SAN JOSE, USA
DÜSSELDORF, GERMANY
OULU, FINLAND
KRAKOW, POLAND
HYDERABAD, INDIA
TRONDHEIM, NORWAY
HEAD OFFICE
TAIPEI, TAIWAN
HONG KONG, CHINA
CHINA
PHILIPPINES
Key features

nPM1100 PMIC
y All features enabled
y Performance optimized layout

400 mA battery charger

Highly efficient buck regulator

Input regulator that supports USB charging

Low quiescent currents

Requires no software to operate

I/O
y Pin headers to all pins on nPM1100
y USB connector & battery connectors

LEDs for charge and error indication

Switches
y ICHRG, VTERM, ISET, VOUTB and MODE

Buttons to enter and exit ship mode
nRF5340 SoC
Dual-core, multiprotocol SoC for
Bluetooth LE, Bluetooth mesh,
NFC, Thread & Zigbee
nRF52® Series
nRF52840, nRF52833, nRF52832,
nRF52820, nRF52811, nRF52810
and nRF52805 SoCs
Power Profiler
Kit II
Tool for power measurement
and profiling applications
Related Products
nPM1100 PMIC
Get in touch with our
distributor network
nPM1100 Evaluation Kit
Directly available
through distributors
Order Information
nPM1100 EK
nPM1100 Evaluation Kit
The nPM1100 Evaluation Kit (EK) is a tool for evaluating the
nPM1100 and its features in your application. The kit features
switches for all selectable settings, buttons to enter and exit ship
mode and connectors for batteries, USB and headers for all pins
on the PMIC.
The EK allows for testing of the nPM1100 PMICs capabilities
with existing applications without the need for creating custom
hardware. The board supports charging batteries and powering
applications with the included headers and battery connectors. It
can be powered three ways:
y By USB power via the on-board micro-USB port
y From an external DC power supply through header pins
y From battery power via one of the headers
The kit further includes buttons to enter and exit the PMICs ship
mode together with DIP-switches for all configuration options such
as selecting the charger termination voltage, regulator output volt-
age, charge current and VBUS current limit, and fixing the buck
regulator mode to PWM mode only. The kit also includes indicator
LEDs for charge and error indication.
There is no programmable logic on the board, hence setup re-
quires no programming for testing with existing hardware appli-
cations. The EK is designed for optimized performance. Refer to
Nordic whitepaper nWP040 for inductor choices that allow for
a trade-off between maximum performance and minimum size
implementations.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com