Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPM1100-QDAB-R Datasheet(PDF) 1 Page - Nordic Semiconductor

Part # NPM1100-QDAB-R
Description  Extremely compact Power Management IC (PMIC) with power path and charging
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NPM1100-QDAB-R Datasheet(HTML) 1 Page - Nordic Semiconductor

  NPM1100-QDAB-R Datasheet HTML 1Page - Nordic Semiconductor NPM1100-QDAB-R Datasheet HTML 2Page - Nordic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
nPM1100 PMIC Product Brief Version 1.1
For more information please visit: nordicsemi.com/nPM1100
Block diagram
Key features

Ultra-small form factor PMIC
y 2.075 x 2.075 mm WLCSP package

400 mA battery charger
y Automatic charging mode
y For Li-ion and Li-Polymer batteries
y Battery thermal protection

Highly efficient regulator
y Up to 92 % power conversion efficiency
y Hysteretic and PWM mode
y Selectable output voltage
y 150 mA current limit

Input regulator with USB support
y SDP, CDP, DCP port detection
y Overvoltage protection

Ship mode that disables power output

Drivers for charge and error LEDs

-40°C to 85°C operating temperature
Applications

Wearables

Remote controls

Personal medical devices

Smart home sensors
Battery charger
Regulatory compliance
Termination voltage
Charge current
JEITA compliant
4.1 V or 4.2 V selectable
20 mA to 400 mA
Input regulator
Input voltage
Output voltage
Overvoltage protection
USB current limit
4.1 to 6.7 V
3.0 to 5.5 V unregulated
20 V transient
100 mA or 500 mA
Buck regulator
Output voltage
Current limit
1.8, 2.1, 2.7 or 3.0 V
150 mA output
Quiescent currents
800 nA typical, 460 nA in
ship mode
Battery voltage
2.3 V to 4.35 V
Operating temp
-40°C to 85°C
Specification
Key benefits

Combined USB battery charging and power supply with as little as
23mm2 PCB area including passives

100 % pin configurable, no software needed

Prolongs battery life of any nRF52
® or nRF53® Series SoC based
application using a rechargeable battery

Provides ample current for both the SoC and additional circuitry
Overview
The nPM1100 is a dedicated power management IC (PMIC) with
dual-mode configurable buck regulator and integrated battery
charger. It is designed as a complementary component to Nordic’s
nRF52® Series and nRF53® Series System-on-Chips (SoCs) to ensure
reliable power delivery and stable operation, whilst maximizing
battery life through high efficiency and low quiescent currents.
The dual-mode regulator operates at up to 92% power conversion
efficiency, prolonging battery life of any nRF52® or nRF53® SoC
based application using a rechargeable battery. Hysteretic mode
reduces current consumption for low load conditions, while PWM
mode allows for cleaner power operation and better performance
for higher loads. The regulator can deliver up to 150 mA, efficiently
providing ample current for the nRF52® or nRF53® Series SoC plus
additional circuitry.
The device can also be used as a generic PMIC for any recharge-
able application. Its extremely compact form factor makes it ideal
for advanced wearables, connected medical devices, and other
size constrained applications. When optimized for size, PCB area
usage can be as low as 23 mm2 with passive components includ-
ed. This increases to approximately 27 mm2 when optimized for
performance.
nPM1100
Extremely compact Power Management IC (PMIC)
with power path and charging.


Similar Part No. - NPM1100-QDAB-R

ManufacturerPart #DatasheetDescription
logo
Nordic Semiconductor
NPM1100-CAAA-R NORDIC-NPM1100-CAAA-R Datasheet
2Mb / 58P
nPM1100
2021-05-20
NPM1100-CAAA-R7 NORDIC-NPM1100-CAAA-R7 Datasheet
2Mb / 58P
nPM1100
2021-05-20
More results

Similar Description - NPM1100-QDAB-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24030 TI-BQ24030 Datasheet
314Kb / 20P
SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC (bqTINYI)
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
Texas Instruments
BQ24070 TI-BQ24070 Datasheet
1Mb / 26P
SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24030 TI-BQ24030_07 Datasheet
846Kb / 38P
SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC (bqTINY)
BQ24030-Q1 TI1-BQ24030-Q1 Datasheet
936Kb / 34P
SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24031-Q1 TI-BQ24031-Q1 Datasheet
1Mb / 35P
SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24070 TI1-BQ24070_14 Datasheet
1Mb / 33P
System Power-Path Management IC
BQ24250C TI1-BQ24250C Datasheet
2Mb / 48P
Power-Path Management
logo
Dialog Semiconductor
DA9063 DIALOG-DA9063 Datasheet
1Mb / 4P
System Power Management IC (PMIC) for applications
logo
ams AG
AS3715 AMSCO-AS3715 Datasheet
3Mb / 160P
Dual Power Path PMIC
2014-Sep-10
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com