Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS Datasheet(PDF) 1 Page - Samtec, Inc

Part # TMS
Description  THROUGH-HOLE MICRO HEADER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

TMS Datasheet(HTML) 1 Page - Samtec, Inc

  TMS Datasheet HTML 1Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
(1,27 mm) .050"
TMS, HTMS, SNM SERIES
TMS–132–51–G–S
Thirteen
terminal
styles
(1,27 mm x 2,54 mm)
.050" x .100" pitch
HTMS–110–03–L–D–RA
Choice of
Through-hole
and Right Angle.
See FTR Series
for Surface Mount
HTMS–107–01–G–S
TMS–110–02–G–D
WWW.SAMTEC.COM
Due to technical progress, all designs, specifications and components are subject to change without notice.
1
ROW
OPTION
TYPE
STRIP
NO. PINS
PER ROW
LEAD
STYLE
PLATING
OPTION
OPTION
–RA
= Right
Angle
–“XXX”
= Polarized
Position
(Specify
position of
omitted pin)
–S
= Single
Row
–D
= Double
Row
–L
= 10µ"
(0,25 µm)
Gold on post,
Matte Tin
on tail
–G
= 10µ"
(0,25 µm)
Gold on post,
Gold flash
on tail
Mates with:
SMS, SLM, RSM
Specify
LEAD
STYLE
from
chart
Note: Some lengths, styles
and options are non-standard,
non-returnable.
TMS
= Standard
HTMS
= High Temp
01
thru
50
F-215
THROUGH-HOLE MICRO HEADER
(1,27) .050 x No. of Positions
(2,48)
.098
(4,98)
.196
(2,54)
.100
(1,27) .050 TYP
01
50
02
01
100
99
(2,54)
.100
(0,51)
.020
(0,46)
.018
SQ
C
B
A
(0,51) .020 DIA
A
C
B
(2,54)
.100
(3,56)
.140
(1,52)
.060
B
(3,56)
.140
(1,52)
.060
B
(0,51) .020
DIA
SINGLE
ROW
DOUBLE
ROW
HTMS
–D
Body
Design
T/H
LEAD
STYLE
AB
C
–01
(11,43) .450 (5,84) .230
(3,05) .120
–02
(8,13) .320
(2,54) .100
–21
(12,83) .505 (5,84) .230 (4,45) .175
–51
(10,41) .410 (4,83) .190
(3,05) .120
–52
(10,80) .425 (5,21) .205
–53
(12,83) .505 (7,24) .285
–54
(14,10) .555 (8,51) .335
–55
(15,49) .610 (9,91) .390
–56
(15,88) .625 (10,29) .405
–57
(16,51) .650 (10,92) .430
–58
(17,91) .705 (12,32) .485
–59
(19,18) .755 (13,59) .535
–60
(20,96) .825 (15,37) .605
RA
LEAD
STYLE
B
–01
(5,84)
.230
–02
(2,54)
.100
–03
(3,18)
.125
For complete specifications
see www.samtec.com?TMS
or www.samtec.com?HTMS
Insulator Material:
Black Liquid Crystal Polymer
Terminal Material:
Phosphor Bronze
Plating:
Au or Sn over
50µ" (1,27 µm) Ni
Current Rating (TMS/SMS):
5 A per pin
(1 pin powered per row)
Operating Temp Range:
-55°C to +105°C with Tin;
-55°C to +125°C with Gold
RoHS Compliant:
Yes
Important Note:
Style -02 does not mate
with SMS Series.
SNM
For complete specifications
see www.samtec.com?SNM
Same as HTMS except:
Insulator Material:
Black Glass Filled Polyester
Contact Resistance:
10 m
Ω
Lead Size accepted:
(0,46 mm) .018" SQ
Insertion Depth:
(3,43 mm) .135" minimum
Max Processing Temp:
Not recommended for IR/VP
Processing:
Lead-Free Solderable:
Yes
MICRO SHUNT
SNM SERIES
(2,54)
.100
(3,30)
.130
(1,27)
.050
Part No.
Plating
SNM–100–BK–T
Tin
SNM–100–BK–G
10µ"
(0,25 µm)
Gold
For complete scope of
recognitions see
www.samtec.com/quality
RECOGNITIONS
SPECIFICATIONS
ALSO AVAILABLE
(MOQ Required)
• Other platings
Contact Samtec.


Similar Part No. - TMS

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TMS TRACOPOWER-TMS Datasheet
455Kb / 6P
TMS Series, 6to
Rev. February 13. 2018
logo
KITAGAWA GmbH
TMS KGS-TMS Datasheet
325Kb / 1P
Cable tie mount with adhesive or screw-mount options
logo
TRACO Electronic AG
TMS-06105 TRACOPOWER-TMS-06105 Datasheet
455Kb / 6P
TMS Series, 6to
Rev. February 13. 2018
TMS-06112 TRACOPOWER-TMS-06112 Datasheet
455Kb / 6P
TMS Series, 6to
Rev. February 13. 2018
TMS-06115 TRACOPOWER-TMS-06115 Datasheet
455Kb / 6P
TMS Series, 6to
Rev. February 13. 2018
More results

Similar Description - TMS

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
TFM-105-02-S-D-LC-P-TR SAMTEC-TFM-105-02-S-D-LC-P-TR Datasheet
1Mb / 2P
SMT THROUGH-HOLE HEADER
TMS-150-01-G-S SAMTEC-TMS-150-01-G-S Datasheet
780Kb / 1P
THROUGH-HOLE MICRO HEADER
FTSH-120-01-F-D-EJ SAMTEC-FTSH-120-01-F-D-EJ Datasheet
990Kb / 1P
THROUGH-HOLE MICRO HEADER
TFM-105-02-S-D-P-TR SAMTEC-TFM-105-02-S-D-P-TR Datasheet
1Mb / 2P
SMT & THROUGH-HOLE HEADER
logo
MMD Components
AN MMD-AN_13 Datasheet
169Kb / 2P
Micro Miniature Through Hole Crystal
logo
Samtec, Inc
TFM-105-02-S-D SAMTEC-TFM-105-02-S-D Datasheet
1Mb / 2P
SMT & THROUGH-HOLE HEADER
TFM-105-02-L-D SAMTEC-TFM-105-02-L-D Datasheet
1Mb / 2P
SMT & THROUGH-HOLE HEADER
TFM-105-02-L-D-WT SAMTEC-TFM-105-02-L-D-WT Datasheet
1Mb / 2P
SMT & THROUGH-HOLE HEADER
HTMS-105-01-G-S SAMTEC-HTMS-105-01-G-S Datasheet
454Kb / 1P
THROUGH-HOLE MICRO HEADER
SLM-106-01-L-S SAMTEC-SLM-106-01-L-S Datasheet
759Kb / 1P
THROUGH-HOLE MICRO SOCKETS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com