Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C00540 Datasheet(PDF) 4 Page - Harwin Plc

Part # C00540
Description  Component Specification M80 & M83 Series Rectangular Connectors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARWIN [Harwin Plc]
Direct Link  http://www.harwin.com
Logo HARWIN - Harwin Plc

C00540 Datasheet(HTML) 4 Page - Harwin Plc

  C00540 Datasheet HTML 1Page - Harwin Plc C00540 Datasheet HTML 2Page - Harwin Plc C00540 Datasheet HTML 3Page - Harwin Plc C00540 Datasheet HTML 4Page - Harwin Plc C00540 Datasheet HTML 5Page - Harwin Plc C00540 Datasheet HTML 6Page - Harwin Plc C00540 Datasheet HTML 7Page - Harwin Plc C00540 Datasheet HTML 8Page - Harwin Plc C00540 Datasheet HTML 9Page - Harwin Plc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
C00540 Date: 28.11.2022
C/Order: 32100
Issue: 40
C00540
Component Specification – M80 & M83 Series Rectangular Connectors
2.1.6. Wire Termination Range
Recommended Wire Type ......................................See Component Specification C049XX (latest issue)
Crimp
Type
AWG
Wire Size
Qty & Nominal diameter
(mm) of strands
Minimum
pull-off force
M22520/2-01
Crimp tool setting
Max. insulation
diameter
Extra
Small
Bore
32
7/0.08
4.0N
4
30
1/0.25
7.0N
4
28
7/0.12
12.5N
5
Small
Bore
28
7/0.12
12.5N
6
26
7/0.15
25.0N
6
24
7/0.2
44.0N
6
Large
Bore
22
19/0.15
50.0N
6
T-Contact
22
19/0.15
50.0N
6
2.2. Coax Contacts
2.2.1. Electrical Characteristics
Impedance..................................................................................................................... 50Ω
Frequency Range.................................................. 6GHz (Also dependent on cable type or board layout)
VSWR (Voltage Standing Wave Ratio):
M80-310........................................................... 1.19 + (0.04 x Frequency) GHz max
Others............................................................... 1.05 + (0.04 x Frequency) GHz max
Voltage Rating (at 1,013mbar, sea level) .................................................................. 180V AC at 500mA
Voltage Proof (at 1,013mbar, sea level) .................................................................... 1,000V ACrms
Contact Resistance....................................................................................................... 6mΩ max
Insulation Resistance (at 250V rms)........................................................................... 106 MΩ
2.2.2. Wire Termination Range
Cable Type
Max. Insulation Diameter
Compatible contacts
RG 178
Ø2.0mm
M80-305, M80-308, M80-315, M80-318
RG 174
Ø2.7mm
M80-307, M80-309, M80-317, M80-319
RG 179
RG 316
UT 047
Ø1.2mm (outer conductor)
M80-310
2.2.3. Mechanical Characteristics
Durability ....................................................................................................................... 500 operations
Insertion Force (per contact, using mating contact, no fixings) ............................. 20.0N max
Withdrawal Force (per contact, using mating pin, no fixings) ................................ 0.5N min
Contact Wipe ................................................................................................................ 1.30mm min
Contact Replacement in Housing................................................................................ 5 times max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com