Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXPS7115D4 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # FXPS7115D4
Description  Digital absolute pressure sensor, 40 kPa to 115 kPa
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXPS7115D4 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button FXPS7115D4_V01 Datasheet HTML 35Page - NXP Semiconductors FXPS7115D4_V01 Datasheet HTML 36Page - NXP Semiconductors FXPS7115D4_V01 Datasheet HTML 37Page - NXP Semiconductors FXPS7115D4_V01 Datasheet HTML 38Page - NXP Semiconductors FXPS7115D4_V01 Datasheet HTML 39Page - NXP Semiconductors FXPS7115D4_V01 Datasheet HTML 40Page - NXP Semiconductors FXPS7115D4_V01 Datasheet HTML 41Page - NXP Semiconductors FXPS7115D4_V01 Datasheet HTML 42Page - NXP Semiconductors FXPS7115D4_V01 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 75 page
background image
NXP Semiconductors
FXPS7115D4
Digital absolute pressure sensor, 40 kPa to 115 kPa
Notes:
• The user must take care to ensure that the desired registers are addressed. For
example, if the REGION_LOAD bits are set to Ah and the user executes a read
of address C2h, the contents of registers A2h is transmitted. No error detection is
included other than a read of the REGION_ACTIVE bits.
• In SPI and I2C modes, once the ENDINIT bit is set, writes to registers other than the
RESET[1:0] bits are inhibited. For this reason, reads of the UF0, UF1, and F registers
are only possible for the region selected by the REGION_ACTIVE bits at the time
ENDINIT is set.
7.7.7 SOURCEID_x - source identification registers (address 1Ah, 1Bh)
The source identification registers are user programmed read/write registers that contain
the source identification information used in SPI Mode. These registers are included in
the read/write array error detection.
Bit
7
6
5
4
3
2
1
0
Symbol
SID0_EN
reserved
reserved
reserved
SOURCEID_0[3:0]
Factory default
0
0
0
0
0
0
0
0
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 55. SOURCEID_0 - source identification register (address 1Ah) bit allocation
Bit
7
6
5
4
3
2
1
0
Symbol
SID1_EN
reserved
reserved
reserved
SOURCEID_1[3:0]
Factory default
0
0
0
0
0
0
0
0
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 56. SOURCEID_1 - source identification register (address 1Bh) bit allocation
7.7.7.1 Data source enable bits (SIDx_EN)
The SIDx_EN are control bits for both I2C and SPI modes. In I2C mode, they configure
the automatic register read wrap-around feature to optimize the number of I2C
transactions. See Section 7.4.6.3 and Table 9 for details.
In SPI mode, the SIDx_EN bits enable and map the data source (SNSDATA0,
SNSDATA1) to the associated source identification as described in Table 11. Additionally,
the SPI error response monitoring can be mapped to the SOURCEID_x channels. SPI
error responses are detailed in Section 7.5.4 "Error checking".
Source ID
Source ID Enable (SIDx_EN) Transmitted data
0
SPI error response
SOURCEID_0
1
SNSDATA0
0
SPI error response
SOURCEID_1
1
SNSDATA1
Table 57. Source ID enable
In I2C mode, the SOURCEID_x registers are readable and writable but have no effect on
the device. See Table 11, for details regarding the effect of the SIDx_EN bits.
FXPS7115D4
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2022. All rights reserved.
Product data sheet
Rev. 6 — 6 June 2022
39 / 75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com