Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDALC6V1M3 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ESDALC6V1M3
Description  Dual low capacitance TRANSIL??array for ESD protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDALC6V1M3 Datasheet(HTML) 2 Page - STMicroelectronics

  ESDALC6V1M3 Datasheet HTML 1Page - STMicroelectronics ESDALC6V1M3 Datasheet HTML 2Page - STMicroelectronics ESDALC6V1M3 Datasheet HTML 3Page - STMicroelectronics ESDALC6V1M3 Datasheet HTML 4Page - STMicroelectronics ESDALC6V1M3 Datasheet HTML 5Page - STMicroelectronics ESDALC6V1M3 Datasheet HTML 6Page - STMicroelectronics ESDALC6V1M3 Datasheet HTML 7Page - STMicroelectronics ESDALC6V1M3 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Characteristics
ESDALC6V1M3
2/8
1
Characteristics
Table 1.
Absolute ratings (TAMB = 25° C - limiting values)
Symbol
Parameter
Value
Unit
VPP
ESD discharge
IEC61000-4-2 air discharge
IEC61000-4-2 contact discharge
± 15
± 8
kV
PPP
Peak pulse power dissipation (8/20 µs)(1)
1.
For a surge greater than the maximum values, the diode will fail in short-circuit.
Tj initial = TAMB
30
W
Ipp
Repetitive peak pulse current (8/20 µs)
3
A
Tj
Junction temperature
125
° C
Tstg
Storage temperature range
-55 + 150
° C
TL
Maximum lead temperature for soldering during 10 s
260
° C
TOP
Operating temperature range
-40 + 125
° C
Table 2.
Electrical characteristics (TAMB = 25° C)
Symbol
Parameter
VRM
Stand-off voltage
VBR
Breakdown voltage
VCL
Clamping voltage
IRM
Leakage current @ VRM
IPP
Peak pulse current
αT
Voltage temperature coefficient
VF
Forward voltage drop
Parameter
Test condition
Min
Typ
Max
Unit
VBR
IR = 1 mA
6.1
7.2
V
IRM
VRM = 5 V
0.5
µA
Rd
1.1
Ω
αT
IR = 1 mA
4.2
10-4/°C
C
VR = 0 V, F = 1 MHz, VOSC = 30 mV
11
pF
VV
V
I RM
I R
I PP
V
I
I F
V
V
Slope= 1/ Rd
V
V
CL
V
BR
RM
V
F



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com