Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1985331 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1985331
Description  PCB terminal block - PTSA 1,5/16-3,5-Z
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1985331 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1985331 Datasheet HTML 1Page - PHOENIX CONTACT 1985331 Datasheet HTML 2Page - PHOENIX CONTACT 1985331 Datasheet HTML 3Page - PHOENIX CONTACT 1985331 Datasheet HTML 4Page - PHOENIX CONTACT 1985331 Datasheet HTML 5Page - PHOENIX CONTACT 1985331 Datasheet HTML 6Page - PHOENIX CONTACT 1985331 Datasheet HTML 7Page - PHOENIX CONTACT 1985331 Datasheet HTML 8Page - PHOENIX CONTACT 1985331 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Please be informed that the data shown in this PDF document is generated from our Online Catalog. Please find the complete data in the user
documentation. Our General Terms of Use for Downloads are valid.
PCB terminal block, nominal current: 8 A, rated voltage (III/2): 400 V, nominal cross section: 1.5
mm2, number of potentials: 16, number of rows: 1, number of positions per row: 16, product
range: PTSA 1,5, pitch: 3.5 mm, connection method: Push-in spring connection, mounting: Wave
soldering, conductor/PCB connection direction: 45 °, color: green, Pin layout: Zigzag pinning W,
Solder pin [P]: 3.5 mm, number of solder pins per potential: 1, type of packaging: packed in
cardboard. Offset soldering legs, two-rowed
Your advantages
Time saving push-in connection, tools not required
•
Defined contact force ensures that contact remains stable over the long term
•
Angled connection enables multi-row arrangement on the PCB
•
Commercial Data
Item number
1985331
Packing unit
1 pc
Minimum order quantity
60 pc
Sales Key
A03
Product Key
AALBDA
Catalog Page
Page 413 (C-1-2013)
GTIN
4017918922412
Weight per Piece (including packing)
8.31 g
Weight per Piece (excluding packing)
7.128 g
Customs tariff number
85369010
Country of origin
CN
PCB terminal block - PTSA 1,5/16-3,5-Z
1985331
https://www.phoenixcontact.com/us/products/1985331
Sep 8, 2022, 4:36 AM
Page 1 (10)


Similar Part No. - 1985331

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1985315 PHOENIX-1985315 Datasheet
286Kb / 9P
PCB terminal block - PTSA 1,5/14-3,5-Z
1985328 PHOENIX-1985328 Datasheet
287Kb / 9P
PCB terminal block - PTSA 1,5/15-3,5-Z
1985344 PHOENIX-1985344 Datasheet
140Kb / 10P
PCB terminal block - PTSA 1,5/17-3,5-Z
09/12/2020
1985357 PHOENIX-1985357 Datasheet
143Kb / 8P
PCB terminal block - PTSA 1,5/18-3,5-Z
1985360 PHOENIX-1985360 Datasheet
357Kb / 10P
PTSA 1,5/19-3,5-Z - PCB terminal block
More results

Similar Description - 1985331

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1985357 PHOENIX-1985357 Datasheet
143Kb / 8P
PCB terminal block - PTSA 1,5/18-3,5-Z
1985205 PHOENIX-1985205 Datasheet
141Kb / 10P
PCB terminal block - PTSA 1,5/ 3-3,5-Z
09/12/2020
1985263 PHOENIX-1985263 Datasheet
140Kb / 10P
PCB terminal block - PTSA 1,5/ 9-3,5-Z
09/12/2020
1985289 PHOENIX-1985289 Datasheet
141Kb / 10P
PCB terminal block - PTSA 1,5/11-3,5-Z
09/12/2020
1985344 PHOENIX-1985344 Datasheet
140Kb / 10P
PCB terminal block - PTSA 1,5/17-3,5-Z
09/12/2020
1985195 PHOENIX-1985195 Datasheet
374Kb / 11P
PCB terminal block - PTSA 1,5/ 2-3,5-Z
Jun 29, 2022
1985221 PHOENIX-1985221 Datasheet
358Kb / 10P
PCB terminal block - PTSA 1,5/ 5-3,5-Z
Sep 8, 2022
1985234 PHOENIX-1985234 Datasheet
283Kb / 9P
PCB terminal block - PTSA 1,5/ 6-3,5-Z
Nov 30, 2022
1985328 PHOENIX-1985328 Datasheet
287Kb / 9P
PCB terminal block - PTSA 1,5/15-3,5-Z
1985360 PHOENIX-1985360 Datasheet
357Kb / 10P
PTSA 1,5/19-3,5-Z - PCB terminal block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com