Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS8108 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FS8108
Description  Low Power Phase-Locked Loop IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FS8108 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FS8108 Datasheet HTML 1Page - List of Unclassifed Manufacturers FS8108 Datasheet HTML 2Page - List of Unclassifed Manufacturers FS8108 Datasheet HTML 3Page - List of Unclassifed Manufacturers FS8108 Datasheet HTML 4Page - List of Unclassifed Manufacturers FS8108 Datasheet HTML 5Page - List of Unclassifed Manufacturers FS8108 Datasheet HTML 6Page - List of Unclassifed Manufacturers FS8108 Datasheet HTML 7Page - List of Unclassifed Manufacturers FS8108 Datasheet HTML 8Page - List of Unclassifed Manufacturers FS8108 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Page 1
June 2001
FS8108 Low Power Phase-Locked Loop IC
HiMARK Technology, Inc. reserves the right to change the product described in this datasheet. All information con-
tained in this datasheet is subject to change without prior notice. HiMARK Technology, Inc. assumes no responsibility
for the use of any circuits shown in this datasheet.
Description
The FS8108 is a serial data input, phase-locked loop IC with programmable input and ref-
erence frequency dividers. When combined with a VCO, the FS8108 becomes the core of
a very low power frequency synthesizer well-suited for mobile communication applica-
tions such as paging systems. The FS8108 includes an 18-bit programmable input fre-
quency divider and also implements a separate pin for stand-by control.
Features
High maximum input operating frequency — 185 MHz at V
DD1 = 1.0 V
Up to 22 MHz internal crystal oscillator reference frequency at V
DD1 = 1.0 V
Extremely low current consumption (I
DD,total typically 0.4 mA at fFIN = 90 MHz)
18-bit programmable input frequency divider (including a
÷ 64/65 prescaler) with
divide ratio range from 4032 to 262143
13-bit programmable reference frequency divider (including a
÷ 8 prescaler) with
divide ratio range from 40 to 65528
Optional lock detector output
Charge pump output for passive low-pass filter
Quick-lock signal output for faster locking
Separate pin for stand-by control
TSSOP 16L package (0.65mm pitch)
Applications
Pager
Wireless communication system
the wireless IC company


Similar Part No. - FS8108

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
FS8108 PTC-FS8108 Datasheet
251Kb / 10P
Low Power Phase-Locked Loop IC
More results

Similar Description - FS8108

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC568 NSC-LMC568 Datasheet
161Kb / 6P
Low Power Phase-Locked Loop
logo
NXP Semiconductors
HEF4046B PHILIPS-HEF4046B Datasheet
416Kb / 15P
Phase-locked loop
January 1995
logo
List of Unclassifed Man...
FS8107E ETC-FS8107E Datasheet
128Kb / 10P
Low Power Phase-Locked Loop IC
FS8170 ETC1-FS8170 Datasheet
261Kb / 17P
2.5 GHz Low Power Phase-locked Loop IC
logo
Z-Communications, Inc
PCA0090A ZCOMM-PCA0090A Datasheet
57Kb / 2P
PHASE LOCKED LOOP
logo
Princeton Technology Co...
FS8107E PTC-FS8107E Datasheet
249Kb / 10P
Low Power Phase-Locked Loop IC
FS8108 PTC-FS8108 Datasheet
251Kb / 10P
Low Power Phase-Locked Loop IC
FS8170 PTC-FS8170 Datasheet
536Kb / 17P
2.5 GHz Low Power Phase-locked Loop IC
logo
Z-Communications, Inc
PSA0210A ZCOMM-PSA0210A Datasheet
77Kb / 2P
PHASE LOCKED LOOP
logo
Texas Instruments
LMC568 TI1-LMC568 Datasheet
805Kb / 12P
Low Power Phase-Locked Loop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com