Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M4M Datasheet(PDF) 10 Page - ABB

Part # M4M
Description  Accurate electrical measuring and power monitoring.
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

M4M Datasheet(HTML) 10 Page - ABB

Back Button M4M Datasheet HTML 2Page - ABB M4M Datasheet HTML 3Page - ABB M4M Datasheet HTML 4Page - ABB M4M Datasheet HTML 5Page - ABB M4M Datasheet HTML 6Page - ABB M4M Datasheet HTML 7Page - ABB M4M Datasheet HTML 8Page - ABB M4M Datasheet HTML 9Page - ABB M4M Datasheet HTML 10Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Communication protocol
I/O
Bbn
Order details
Weight
Pack
8012542 EAN
Type code
Order code
[1 piece kg]
unit pc
BLE, Modbus RTU
4 Progr. I/O
747611
M4M 30 Modbus
2CSG274761R4051
0,400
1
BLE, Modbus TCP/IP
4 Progr. I/O
746812
M4M 30 Ethernet 2CSG274681R4051
BLE, Profibus DP-V0
4 Progr. I/O
367918
M4M 30 Profibus 2CSG236791R4051
BLE, BACnet/IP
4 Progr. I/O
024514
M4M 30 Bacnet 2CSG202451R4051
BLE, Modbus RTU
6 Progr. I/O, 2 Analogue out.
024712
M4M 30 I/O 2CSG202471R4051
Bbn
Order details
Weight
Pack
Communication protocol
I/O 8012542 EAN
Type code
Order code
[1 piece kg]
unit pc
BLE, Modbus RTU
4 Prog. I/O
024613
M4M 30 Rogowski 2CSG202461R4051
0,400
1
Diameter (mm)
Bbn
Order details
Weight
Pack
8012542 EAN
Type code
Order code
[1 piece kg]
unit pc
80
021605
R4M-80
2CSG202160R1101
0,150
1
200
021506
R4M-200 2CSG202150R1101
0,250
M4M 30
M4M 30 is ABB’s network analyzer range that allows complete power quality analysis and en-
ergy efficiency evaluations.
Equipped with touchscreen color display for simplified access to the device and with Blue-
tooth module for smart commissioning.
11
OR DER I NG CODE S
M4M 30 - ROGOWSKI VERSION
M4M 30 is also available as compatible with ABB’s R4M Rogowski coils for current measure-
ment, increasing the flexibility of network analyzers and allowing retrofit in any existing in-
stallations. M4M 30 Rogowski together with R4M coils ensure integration of complete PQ
analysis in any existing system with 0 downtime.
R4M ROGOWSKI COILS
R4M Rogowski coils are flexible current transformer based on Rogowski technology, ideal to
retrofit existing installa-tions up to 12kA. Available in two different sizes (80mm or 200mm
diameters), R4M coils are directly equipped with pre-wired removable terminals that per-
fectly fit M4M 20 Rogowski (3 Rogowski coil inputs) and M4M 30 Rogowski (4 Rogowski coil
inputs), with no need for external integrators.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com