Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV7151SP Datasheet(PDF) 21 Page - Hynix Semiconductor

Part # HV7151SP
Description  CMOS Image Sensor with Image Signal Processing
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HV7151SP Datasheet(HTML) 21 Page - Hynix Semiconductor

Back Button HV7151SP Datasheet HTML 17Page - Hynix Semiconductor HV7151SP Datasheet HTML 18Page - Hynix Semiconductor HV7151SP Datasheet HTML 19Page - Hynix Semiconductor HV7151SP Datasheet HTML 20Page - Hynix Semiconductor HV7151SP Datasheet HTML 21Page - Hynix Semiconductor HV7151SP Datasheet HTML 22Page - Hynix Semiconductor HV7151SP Datasheet HTML 23Page - Hynix Semiconductor HV7151SP Datasheet HTML 24Page - Hynix Semiconductor HV7151SP Datasheet HTML 25Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 89 page
background image
HV7151SP
CMOS Image Sensor
Confidential
With Image Signal Processing
This document is a general product description and is subject to change without notice. Hynix
Semiconductor Inc. does not assume any responsibility for use of circuits described and no patent
licenses are implied.
- 21 -
2003 Hynix Semiconductor Inc.
Device ID [DEVID : 00h : 50h]
7
6
5
4
3
2
1
0
Product ID
Revision Number
0
1
0
1
0
0
0
0
High Nibble represents Sensor Resolution, Low Nibble represents Revision Number.
Sensor Control A [SCTRA : 01h : 13h]
7
6
5
4
3
2
1
0
Reserved
X-Flip
Y-Flip
Video Mode
0
0
0
1
0
0
1
1
X-Flip
Image is horizontally flipped
Y-Flip
Image is vertically flipped
111
1/6 scaling QCIF mode
110
1/3 scaling CIF mode
101
5/18 scaling QVGA mode
100
5/9 scaling VGA mode
011
5x5 linear color interpolation mode
010
1/4 sub-sampling mode
001
1/16 sub-sampling mode
Video Mode
000
Bayer output mode
Sensor Control B [SCTRB : 02h : 00h]
7
6
5
4
3
2
1
0
AE/AWB
Block
Sleep
Datapath
Block
Sleep
Analog
Block
Sleep
Sleep
Mode
Strobe
Enable
Clock Division
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com