Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR7373C Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # IR7373C
Description  5mm Infrared LED, T-1 3/4
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

IR7373C Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  IR7373C Datasheet HTML 1Page - Everlight Electronics Co., Ltd IR7373C Datasheet HTML 2Page - Everlight Electronics Co., Ltd IR7373C Datasheet HTML 3Page - Everlight Electronics Co., Ltd IR7373C Datasheet HTML 4Page - Everlight Electronics Co., Ltd IR7373C Datasheet HTML 5Page - Everlight Electronics Co., Ltd IR7373C Datasheet HTML 6Page - Everlight Electronics Co., Ltd IR7373C Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 2
Page: 1 of 7
Device No:DIR-737-279
Prepared date:08-26-2005
Prepared by:JAINE TSAI
Technical Data Sheet
5mm Infrared LED, T-1 3/4
IR7373C
Features
․High reliability
․2.54mm lead spacing
․Low forward voltage
․Good spectral matching
to Si photodetector
․High radiant intensity
․Pb free
․The product itself will remain within RoHS compliant version.
Descriptions
EVERLIGHT’s infrared emitting diode (IR7373C)
is a high intensity diode, molded in a water clear plastic
package.
The device is spectrally matched with phototransistor, photodiode
and infrared receive module.
Applications
․Free air transmission system
․Optoelectronic switch
․Floppy disk drive
․Infrared applied system
․Smoke detector
Device Selection Guide
Chip
LED Part No.
Material
Lens Color
IR
GaAlAs
Water clear


Similar Part No. - IR7373C

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
IR7373C EVERLIGHT-IR7373C_15 Datasheet
286Kb / 8P
5mm Infrared LED
More results

Similar Description - IR7373C

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
HIR313C EVERLIGHT-HIR313C Datasheet
188Kb / 7P
5mm Infrared LED, T-1 3/4
2006/05/04
IR323-H0-A EVERLIGHT-IR323-H0-A Datasheet
202Kb / 7P
5mm Infrared LED , T-1 3/4
IR533C EVERLIGHT-IR533C Datasheet
192Kb / 7P
5mm Infrared LED , T-1 3/4
SIR333C-H0 EVERLIGHT-SIR333C-H0 Datasheet
189Kb / 7P
5mm Infrared LED, T-1 3/4
SIR383 EVERLIGHT-SIR383 Datasheet
178Kb / 7P
5mm Infrared LED, T-1 3/4
HIR323C-H0 EVERLIGHT-HIR323C-H0 Datasheet
181Kb / 7P
5mm Infrared LED, T-1 3/4
2008/2/27
HIR8323-C16 EVERLIGHT-HIR8323-C16 Datasheet
161Kb / 7P
5mm Infrared LED, T-1 3/4
09-26-2006
IR8353-14C EVERLIGHT-IR8353-14C Datasheet
207Kb / 7P
5mm Infrared LED , T-1 3/4
EAILP05RDLA0 EVERLIGHT-EAILP05RDLA0 Datasheet
269Kb / 8P
5mm Infrared LED,T-1 3/4
10.18.2013
EAILP05RDOA0 EVERLIGHT-EAILP05RDOA0 Datasheet
305Kb / 8P
5mm Infrared LED,T-1 3/4
05.14.2014
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com