Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1ST040EH2F35E2VLS1 Datasheet(PDF) 34 Page - Intel Corporation

Part # 1ST040EH2F35E2VLS1
Description  Intel® Stratix® 10 TX Device Overview
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

1ST040EH2F35E2VLS1 Datasheet(HTML) 34 Page - Intel Corporation

Back Button 1ST040EH2F35E2VLS1 Datasheet HTML 30Page - Intel Corporation 1ST040EH2F35E2VLS1 Datasheet HTML 31Page - Intel Corporation 1ST040EH2F35E2VLS1 Datasheet HTML 32Page - Intel Corporation 1ST040EH2F35E2VLS1 Datasheet HTML 33Page - Intel Corporation 1ST040EH2F35E2VLS1 Datasheet HTML 34Page - Intel Corporation 1ST040EH2F35E2VLS1 Datasheet HTML 35Page - Intel Corporation 1ST040EH2F35E2VLS1 Datasheet HTML 36Page - Intel Corporation 1ST040EH2F35E2VLS1 Datasheet HTML 37Page - Intel Corporation 1ST040EH2F35E2VLS1 Datasheet HTML 38Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 39 page
background image
1.20. Power Management
Intel Stratix 10 TX devices use the advanced Intel 14 nm tri-gate process technology,
the all new Intel Hyperflex core architecture to enable Hyper-Folding, power gating,
and optional power reduction techniques to reduce total power consumption by as
much as 70% compared to previous generation high-performance Stratix V devices.
Intel Stratix 10 standard power devices (-V) are SmartVID devices. The core voltage
supplies (VCC and VCCP) for each SmartVID device must be driven by a PMBus
voltage regulator dedicated to that Intel Stratix 10 device. Use of a PMBus voltage
regulator for each SmartVID (-V) device is mandatory; it is not an option. A code is
programmed into each SmartVID device during manufacturing that allows the PMBus
voltage regulator to operate at the optimum core voltage to meet the device
performance specifications.
With the new Intel Hyperflex core architecture, designs can run 2X faster than
previous generation FPGAs. With 2X performance and same required throughput,
architects can cut the data path width in half to save power. This optimization is called
Hyper-Folding. Additionally, power gating reduces static power of unused resources in
the FPGA by powering them down. The Intel Quartus Prime software automatically
powers down specific unused resource blocks such as DSP and M20K blocks, at
configuration time.
Furthermore, Intel Stratix 10 TX devices feature Intel’s low power transceivers and
include a number of hard IP blocks that not only reduce logic resources but also
deliver substantial power savings compared to soft implementations. In general, hard
IP blocks consume up to 50% less power than the equivalent soft logic
implementations.
1.21. Device Configuration and Secure Device Manager (SDM)
All Intel Stratix 10 TX devices contain a Secure Device Manager (SDM), which is a
dedicated triple-redundant processor that serves as the point of entry into the device
for all JTAG and configuration commands. The SDM also bootstraps the HPS, ensuring
that the HPS can boot using the same security features as the rest of the FPGA.
1. Intel® Stratix® 10 TX Device Overview
683717 | 2022.08.18
Intel® Stratix® 10 TX Device Overview
Send Feedback
34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com