Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPS652 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MPS652
Description  Exterior Perimeter Light
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MPS652 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MPS652 Datasheet HTML 1Page - List of Unclassifed Manufacturers MPS652 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2645 Federal Signal Drive, University Park, IL 60484
800.466.6809
www.fedsig.com
©2021-2022 Federal Signal Corporation. M4065 | 422
Exterior Perimeter Light
MicroPulse
®
FEATURES
• Multiple mounting options for various
applications
• Superior warning with (6) or (12) high-powered
LEDs
• Single- and dual-color models are available
• LEDs offered in Amber, Blue, Red, and White
• Single/multi-unit synchronization
• Five-year warranty
High-Performance LEDs Provide First-Responder and Work Truck Vehicles with
Superior Auxiliary Warning Capability
Compact MicroPulse® perimeter lights feature an advanced high-output LED light head
for additional warning around the outside of your vehicle.
Multiple Mounting options for Various Applications
Available in single- and dual-color models, MicroPulse lights can be programmed to
operate as a single unit or in synchronization with multiple MicroPulse light heads.
Built-in flash patterns enable multiple vehicle perimeter lights to be synchronized in the
same pattern or reverse sequence.
Built to Last
The MicroPulse lens is made of UV-resistant polycarbonate to protect against
harsh conditions. Certified to meet IP67, MicroPulse perimeter lights have a fully
encapsulated water-proof housing that provides a barrier against dust, moisture, and
water.
MicroPulse Delivers Optimum Flexibility Through a Choice of Different Colors and
Color Combinations
LED colors include Red, Blue, White, and Amber as well as dual-color models in Red/
Blue, Blue/White, Red/White, and White/Amber combinations.
APPROVALS
• IP67
• SAE J845, Class 1
• SAE J595, Class 1
MPS650/MPS652
Grille/Hood Mount Model
MPS600-AA
Surface Mount Model
MPS650-BB and MPS650-RR
Mounted on Hood
MPS650-WW
Grille/Hood Mount Model


Similar Part No. - MPS652

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
MPS652 NJSEMI-MPS652 Datasheet
122Kb / 2P
NJ Semi-Conductors reserves the right to change test conditions, parameter limit
logo
Motorola, Inc
MPS6520 MOTOROLA-MPS6520 Datasheet
791Kb / 12P
Amplifier Transistors
logo
Samsung semiconductor
MPS6520 SAMSUNG-MPS6520 Datasheet
29Kb / 1P
NPN (AMPLIFIER TRANSISTOR)
logo
Micro Electronics
MPS6520 MICRO-ELECTRONICS-MPS6520 Datasheet
159Kb / 2P
COMPLEMENTARY SILICON TRANSISTORS
logo
Central Semiconductor C...
MPS6520 CENTRAL-MPS6520 Datasheet
315Kb / 3P
SILICON NPN TRANSISTORS
More results

Similar Description - MPS652

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
VSW-CC-19C-35-802 DIALIGHT-VSW-CC-19C-35-802 Datasheet
80Kb / 1P
EXTERIOR STEPWELL LIGHT
logo
Seoul Semiconductor
SAT802-SB SEOUL-SAT802-SB Datasheet
890Kb / 24P
Applicable for automotive Exterior light
STR0G16AB SEOUL-STR0G16AB Datasheet
853Kb / 24P
Applicable for automotive exterior light
STY0G16A SEOUL-STY0G16A Datasheet
838Kb / 25P
Applicable for automotive exterior light
SYT802-SB SEOUL-SYT802-SB Datasheet
908Kb / 24P
Applicable for automotive Exterior light
SZ5-L1-W0-00 SEOUL-SZ5-L1-W0-00 Datasheet
804Kb / 24P
Applicable for automotive exterior light
SZ5-P0-W0-00 SEOUL-SZ5-P0-W0-00 Datasheet
1Mb / 24P
Applicable for automotive exterior light
SZ5-P0-WN-00 SEOUL-SZ5-P0-WN-00 Datasheet
1,023Kb / 24P
Applicable for automotive exterior light
SNW0ND08S SEOUL-SNW0ND08S Datasheet
886Kb / 19P
Applicable for automotive Exterior light
STW0C1MX SEOUL-STW0C1MX Datasheet
973Kb / 24P
Applicable for automotive exterior light
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com