Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25PE10-VMN6TP Datasheet(PDF) 21 Page - STMicroelectronics

Part # M25PE10-VMN6TP
Description  1 and 2 Mbit, Low Voltage, Page-Erasable Serial Flash Memories with Byte-Alterability, 33 MHz SPI Bus, Standard Pin-out
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25PE10-VMN6TP Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M25PE10-VMN6TP Datasheet HTML 17Page - STMicroelectronics M25PE10-VMN6TP Datasheet HTML 18Page - STMicroelectronics M25PE10-VMN6TP Datasheet HTML 19Page - STMicroelectronics M25PE10-VMN6TP Datasheet HTML 20Page - STMicroelectronics M25PE10-VMN6TP Datasheet HTML 21Page - STMicroelectronics M25PE10-VMN6TP Datasheet HTML 22Page - STMicroelectronics M25PE10-VMN6TP Datasheet HTML 23Page - STMicroelectronics M25PE10-VMN6TP Datasheet HTML 24Page - STMicroelectronics M25PE10-VMN6TP Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
21/37
M25PE10, M25PE20
Sector Erase (SE)
The Sector Erase (SE) instruction sets to 1 (FFh)
all bits inside the chosen sector. Before it can be
accepted, a Write Enable (WREN) instruction
must previously have been executed. After the
Write Enable (WREN) instruction has been decod-
ed, the device sets the Write Enable Latch (WEL).
The Sector Erase (SE) instruction is entered by
driving Chip Select (S) Low, followed by the in-
struction code, and three address Bytes on Serial
Data Input (D). Any address inside the Sector (see
Table 3.) is a valid address for the Sector Erase
(SE) instruction. Chip Select (S) must be driven
Low for the entire duration of the sequence.
The instruction sequence is shown in Figure 17.
Chip Select (S) must be driven High after the
eighth bit of the last address Byte has been
latched in, otherwise the Sector Erase (SE) in-
struction is not executed. As soon as Chip Select
(S) is driven High, the self-timed Sector Erase cy-
cle (whose duration is tSE) is initiated. While the
Sector Erase cycle is in progress, the Status Reg-
ister may be read to check the value of the Write
In Progress (WIP) bit. The Write In Progress (WIP)
bit is 1 during the self-timed Sector Erase cycle,
and is 0 when it is completed. At some unspecified
time before the cycle is complete, the Write Enable
Latch (WEL) bit is reset.
A Sector Erase (SE) instruction applied to a sector
that contains a page that is Hardware Protected is
not executed.
Any Sector Erase (SE) instruction, while an Erase,
Program or Write cycle is in progress, is rejected
without having any effects on the cycle that is in
progress.
Figure 17. Sector Erase (SE) Instruction Sequence
Note: Address bits A23 to A18 are Don’t Care in the M25PE20. Address bits A23 to A17 are Don’t Care in the M25PE10.
24 Bit Address
C
D
AI03751D
S
2
1
3456789
29 30 31
Instruction
0
23 22
2
0
1
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com