Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H7CC-R11WD Datasheet(PDF) 30 Page - Omron Electronics LLC

Part # H7CC-R11WD
Description  Digital Counter/Tachometer
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CC-R11WD Datasheet(HTML) 30 Page - Omron Electronics LLC

Back Button H7CC-R11WD Datasheet HTML 26Page - Omron Electronics LLC H7CC-R11WD Datasheet HTML 27Page - Omron Electronics LLC H7CC-R11WD Datasheet HTML 28Page - Omron Electronics LLC H7CC-R11WD Datasheet HTML 29Page - Omron Electronics LLC H7CC-R11WD Datasheet HTML 30Page - Omron Electronics LLC H7CC-R11WD Datasheet HTML 31Page - Omron Electronics LLC H7CC-R11WD Datasheet HTML 32Page - Omron Electronics LLC H7CC-R11WD Datasheet HTML 33Page - Omron Electronics LLC H7CC-R11WD Datasheet HTML 34Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 66 page
background image
30
H7CC-A
@
Counter
Twin Counter Operation
Two independent counters are built in.
Note: 1. Only 2-stage models
2. Increment mode only for counters 1 and 2.
3. The settings for prescaling and the decimal point are used by both counter 1 and 2.
Reset Function List
I/O Functions for Counter Operation
• The following table shows the delay from when the present value passes the set value until the output is produced.
Actual measurements in N and K-2 modes (Reference values)
Note: The above times may vary slightly depending on the mode or operating conditions.
Counter 1
Counter 2
Counter input
CP1
CP2
Reset input
Reset 1
Reset 2
Present value display and
setting
Reset operation
Only counters appearing on the display will be reset.
Counter 1 present value
Counter 1 set value
Counter 2 present value
Counter 2 set value
Counter 1 display
Counter 2 display
UP1+UP3
or
DW1+DW3
Function
1-stage/2-stage
preset counter
Total and preset counter
Batch counter
Dual counter
Twin counter
Screen
displayed in
run mode
Present value/
set value (1, 2)
Present
value/
set value
Total count
value
Present
value/
set value
Batch count
value/
batch count
set value
Dual count
value/dual
count set
value
CP1 present
value/
CP2 present
value
Present
value 1/
Set value 1
Present
value 2/
Set value 2
Reset/reset 1
Present value
and output reset.
Present value and output
reset.
Present value and output
reset.
Only the CP1 present value is
reset.
Only the CP1 present value is
reset.
Total reset or
reset 2
No effect
Only the total count value is
reset.
Batch count value and batch
output reset.
Only the CP2 present value is
reset.
Only the CP2 present value is
reset.
Reset
operation
Present value
and output reset.
Present value
and output
reset.
Present
value, total
count value,
and output
reset.
Present value
and output
reset.
Present
value, batch
count value,
output and
batch output
reset.
CP1 present value, CP2
present value, dual count
value, and output reset.
CP1 present
value reset
CP2 present
value reset
Control output type
Max. counting speed
Output delay time
Contact output
30 Hz
16.4 to 18.2 ms
5 kHz
3.9 to 5.4 ms
Transistor output
30 Hz
11.2 to 14.2 ms
5 kHz
0.09 to 0.1 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com