Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATO2 Datasheet(PDF) 2 Page - Littelfuse

Part # ATO2
Description  ATO® Blade Fuses - Aftermarket Rated 32V
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

ATO2 Datasheet(HTML) 2 Page - Littelfuse

  ATO2 Datasheet HTML 1Page - Littelfuse ATO2 Datasheet HTML 2Page - Littelfuse ATO2 Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
©2022 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 11/15/2022
Datasheet
Dimensions
Dimensions in mm for reference only.
See outline drawing for dimensions and tolerances.
19.1
5.1
0.65
18.8
6.5
4.1
14.5
Ratings
Part Number
Current Rating
(A)
Housing
Material Color
Test Cable Size
(mm2)
Typ. Voltage Drop
(mV)
Typ.Cold
Resistance
(mΩ)
Typ. I2t
(A2s)
0ATO001._
1
0.35
176
123
0.4
0ATO002._
2
0.35
141
53.5
1.4
0ATO003._
3
0.35
137
31.1
7.4
0ATO004._
4
0.35
136
22.8
14
0ATO005._
5
0.5
128
17.85
26
0ATO07.5_
7.5
0.75
116
10.91
60
0ATO010._
10
1
109
7.70
115
0ATO015._
15
1.5
102
4.80
340
0ATO020._
20
2.5
98
3.38
520
0ATO025._
25
2.5
92
2.52
1,000
0ATO030._
30
4
84
1.97
1,500
0ATO035._
35
6
87
1.61
2,300
0ATO040._
40
6
96
1.44
3,300
The typical I2t is an average value calculated from the breaking capacity tests by using the melting time before the arcing occurs.
ATO® Blade Fuses - Aftermarket
Rated 32V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com