Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25PE20-VMP6TP Datasheet(PDF) 4 Page - STMicroelectronics

Part # M25PE20-VMP6TP
Description  1 and 2 Mbit, Low Voltage, Page-Erasable Serial Flash Memories with Byte-Alterability, 33 MHz SPI Bus, Standard Pin-out
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25PE20-VMP6TP Datasheet(HTML) 4 Page - STMicroelectronics

  M25PE20-VMP6TP Datasheet HTML 1Page - STMicroelectronics M25PE20-VMP6TP Datasheet HTML 2Page - STMicroelectronics M25PE20-VMP6TP Datasheet HTML 3Page - STMicroelectronics M25PE20-VMP6TP Datasheet HTML 4Page - STMicroelectronics M25PE20-VMP6TP Datasheet HTML 5Page - STMicroelectronics M25PE20-VMP6TP Datasheet HTML 6Page - STMicroelectronics M25PE20-VMP6TP Datasheet HTML 7Page - STMicroelectronics M25PE20-VMP6TP Datasheet HTML 8Page - STMicroelectronics M25PE20-VMP6TP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
M25PE10, M25PE20
4/37
SUMMARY DESCRIPTION
The M25PE20 and M25PE10 are 2 Mbit (256K x 8
bit) and 1 Mbit (128K x8 bit) Serial Paged Flash
Memories, respectively. They are accessed by a
high speed SPI-compatible bus.
The memories can be written or programmed 1 to
256 Bytes at a time, using the Page Write or Page
Program instruction. The Page Write instruction
consists of an integrated Page Erase cycle fol-
lowed by a Page Program cycle.
The M25PE20 memory is organized as 4 sectors,
each containing 256 pages. Each page is 256
Bytes wide. Thus, the whole memory can be
viewed as consisting of 1024 pages, or 262,144
Bytes.
The M25PE10 memory is organized as 2 sectors,
each containing 256 pages. Each page is 256
Bytes wide. Thus, the whole memory can be
viewed as consisting of 512 pages, or 131, 072
Bytes.
The memories can be erased a page at a time, us-
ing the Page Erase instruction, or a sector at a
time, using the Sector Erase instruction.
The top sector of the memories can be Write Pro-
tected by Hardware (TSL).
In order to meet environmental requirements, ST
offers these devices in ECOPACK® packages.
ECOPACK® packages are Lead-free and RoHS
compliant.
ECOPACK is an ST trademark. ECOPACK speci-
fications are available at: www.st.com.
Figure 2. Logic Diagram
Table 1. Signal Names
Figure 3. VDFPN AND SO Connections
Note: 1. There is an exposed die paddle on the underside of the
MLP8 package. This is pulled, internally, to VSS, and
must not be allowed to be connected to any other voltage
or signal line on the PCB.
2. See PACKAGE MECHANICAL section for package di-
mensions, and how to identify pin-1.
Reset
AI09713
S
VCC
M25PE20
M25PE10
VSS
TSL
Q
C
D
C
Serial Clock
D
Serial Data Input
Q
Serial Data Output
S
Chip Select
TSL
Top Sector Lock
Reset
Reset
VCC
Supply Voltage
VSS
Ground
1
AI09715
2
3
4
8
7
6
5
D
VSS
C
Reset
Q
SVCC
TSL
M25PE20
M25PE10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com