Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP900 Datasheet(PDF) 2 Page - PerkinElmer Optoelectronics

Part # MP900
Description  Ultra High Sensitivity Gateable Photon Counting Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

MP900 Datasheet(HTML) 2 Page - PerkinElmer Optoelectronics

  MP900 Datasheet HTML 1Page - PerkinElmer Optoelectronics MP900 Datasheet HTML 2Page - PerkinElmer Optoelectronics MP900 Datasheet HTML 3Page - PerkinElmer Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MP 900
Specification *)
Detector
Detector type
CPM-Channel Photomultiplier
Model *)
MP 942
MP 943
MP 944
MP 952
MP 962
Installed CPM type
C 942 P
C 943 P
C 944 P
C 952 P
C 962 P
Photocathode diameter
min. 5 mm
Photocathode material
Bialkali
Bialkali
Bialkali
Multialkali
Multialkali
Window material
Quartz
UV-glass
Boro
Quartz
Quartz
Spectral response / nm
165-650
185-650
300-650
165-750
165-850
Quantum efficiency
20% typical
Dark counts (typ.)
10 cps
10 cps
10 cps
50 cps
100 cps
P Version
Model
MH 942P
MH 943 P
MH 944 P
MH 952 P
MH 962 P
Installed CPM type
C 942 P
C 943 P
C 944 P
C 952 P
C 962 P
Dark counts (typ.)
10 cps
10 cps
10 cps
50 cps
100 cps
*) Additional models on request
Photon Counting Electronics Data
Linear count rate
5 MHz
Output pulse
TTL, positive
Over-illumination protection
active quenching control
Output impedance
50 ohms
Supply voltage
+5 to +5.5 V DC
Active Quenching Control
TTL-Pulse, active high,
RESET: internal via timer, typ. 0,5 s
external via TTL-pulse
Output pulse width
adjustable, min. 15 ns, max. 1 µs
Input current at max. count rate
< 250 mA
GATE voltage Vgate
TTL-level: h to l
set time Vca to Vch-ent +100 V : ≈ 150 µs
TTL-level: l to h
set time Vca to Vch-ent - 100 V : ≈ 150 µs
Maximum Ratings
Input voltage
+5.5 V
Operating temperature
5 to 40 °C
Storage temperature
-20 to 50 °C
Weight
approx. 390 g



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com