Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2014SA Datasheet(PDF) 3 Page - Anachip Corp

Part # AP2014SA
Description  Synchronous PWM Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP2014SA Datasheet(HTML) 3 Page - Anachip Corp

  AP2014SA Datasheet HTML 1Page - Anachip Corp AP2014SA Datasheet HTML 2Page - Anachip Corp AP2014SA Datasheet HTML 3Page - Anachip Corp AP2014SA Datasheet HTML 4Page - Anachip Corp AP2014SA Datasheet HTML 5Page - Anachip Corp AP2014SA Datasheet HTML 6Page - Anachip Corp AP2014SA Datasheet HTML 7Page - Anachip Corp AP2014SA Datasheet HTML 8Page - Anachip Corp AP2014SA Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AP2014/A
Synchronous PWM Controller
Anachip Corp
www.anachip.com.tw
Rev. 1.2 Nov 29, 2005
3/12
Electrical Characteristics
Unless otherwise specified, these specifications apply over VCC=5V, VC=12V and TA=0 to 70°C. Typical values refer to TA =25°C. Low duty
cycle pulse testing is used which keeps junction and case temperatures equal to the ambient temperature.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Reference Voltage
AP2014
1.225
1.25
1.275
VFB
FB Voltage
AP2014A
0.784
0.8
0.816
V
LREG
FB Voltage Line Regulation
5 < Vcc < 12
-
0.2
0.35
%
UVLO
UVLO Threshold - VCC
4.0
4.2
4.4
V
UVLO VCC
UVLO Hysteresis - VCC
Supply Ramping Up
-
0.25
-
V
UVLO Threshold - VC
3.1
3.3
3.5
V
UVLO VC
UVLO Hysteresis - VC
Supply Ramping Up
-
0.2
-
V
FB Ramping Down
(AP2014)
0.4
0.6
0.8
V
UVLO Threshold - FB
FB Ramping Down
(AP2014A)
0.3
0.4
0.5
V
UVLO FB
UVLO Hysteresis - FB
-
0.1
-
V
Supply Current
Operation ICC VCC Operation Supply Current
Freq=200KHz,
CL=1500pF
-
7
10
mA
Operation IC
VC Operation Supply Current
Freq=200KHz,
CL=1500pF
-
7
10
mA
ICCQ
VCC Static Supply Current
SS=0V
-
3.3
6
mA
ICQ
VC Static Supply Current
SS=0V
-
1
4.5
mA
Soft-Start Section
SSIB
Charge Current
SS=0V
10
20
30
µA
Error Amp
IFB1
FB Voltage Input Bias Current
SS=3V, FB=1V
-
-0.1
-
µA
IFB2
FB Voltage Input Bias Current
SS=0V, FB=1V
-
-64
-
µA
gm
Transconductance
450
600
750
µmho
Oscillator
AP2014
170
200
230
KHz
Freq
Frequency
AP2014A
340
400
460
KHz
VRAMP
Ramp-Amplitude Voltage
1.225
1.25
1.275
V
Output Drivers
Tr
Rise Time
CL =1500pF
-
50
100
ns
Tf
Fall Time
CL =1500pF
-
50
100
ns
TDB
Dead Band Time
50
150
250
ns
TON
Max Duty Cycle
FB=1V, Freq=200KHz
85
90
95
%
TOFF
Min Duty Cycle
FB=1.5V
0
0
-
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com