Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N7002VC Datasheet(PDF) 2 Page - Diodes Incorporated

Part # 2N7002VC
Description  DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

2N7002VC Datasheet(HTML) 2 Page - Diodes Incorporated

  2N7002VC Datasheet HTML 1Page - Diodes Incorporated 2N7002VC Datasheet HTML 2Page - Diodes Incorporated 2N7002VC Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS30639 Rev. 3 - 2
2 of 3
2N7002VC/VAC
www.diodes.com
Electrical Characteristics
@ TA = 25
°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 5)
Drain-Source Breakdown Voltage
BVDSS
60
70
V
VGS = 0V, ID = 10
µA
Zero Gate Voltage Drain Current
@ TC = 25°C
@ TC = 125°C
IDSS
1.0
500
µA
VDS = 60V, VGS = 0V
Gate-Body Leakage
IGSS
±100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 5)
Gate Threshold Voltage
VGS(th)
1.0
2.5
V
VDS = VGS, ID = 250
µA
Static Drain-Source On-Resistance
RDS (ON)
7.5
13.5
Ω
VGS = 5V, ID = 0.05A,
VGS = 10V, ID = 0.5A, Tj = 125°C
On-State Drain Current
ID(ON)
0.5
1.0
A
VGS = 10V, VDS = 7.5V
Forward Transconductance
gFS
80
mS
VDS = 10V, ID = 0.2A
DYNAMIC CHARACTERISTICS
Input Capacitance
Ciss
50
pF
VDS = 25V, VGS = 0V
f = 1.0MHz
Output Capacitance
Coss
25
pF
Reverse Transfer Capacitance
Crss
5.0
pF
SWITCHING CHARACTERISTICS
Turn-On Delay Time
tD(ON)
20
ns
VDD = 30V, ID = 0.2A,
RL = 150
Ω, VGEN = 10V,
RGEN = 25
Ω
Turn-Off Delay Time
tD(OFF)
20
ns
Ordering Information (Note 6)
Device
Packaging
Shipping
2N7002VC-7
SOT-563
3000/Tape & Reel
2N7002VAC-7
SOT-563
3000/Tape & Reel
Notes:
5. Short duration test pulse used to minimize self-heating effect.
6. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
ASK = 2N7002VC Product Type Marking Code
(See Note 1)
YM = Date Code Marking
Y = Year ex: R = 2004
M = Month ex: 9 = September
Date Code Key
Year
2004
2005
2006
2007
2008
2009
Code
R
S
T
U
V
W
Month
Jan
Feb
March
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
ASK YM
S
1
D
2
G
1
D
1
S
2
G
2
AYK = 2N7002VAC Product Type Marking Code
(See Note 1)
YM = Date Code Marking
Y = Year ex: R = 2004
M = Month ex: 9 = September
AYK YM
S
1
D
2
G
1
D
1
S
2
G
2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com