Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54AC04DMQB Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54AC04DMQB
Description  Hex Inverter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54AC04DMQB Datasheet(HTML) 5 Page - National Semiconductor (TI)

  54AC04DMQB Datasheet HTML 1Page - National Semiconductor (TI) 54AC04DMQB Datasheet HTML 2Page - National Semiconductor (TI) 54AC04DMQB Datasheet HTML 3Page - National Semiconductor (TI) 54AC04DMQB Datasheet HTML 4Page - National Semiconductor (TI) 54AC04DMQB Datasheet HTML 5Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MN54AC04-X REV 1A0
MILITARY DATA SHEET
Electrical Characteristics
DC PARAMETER(Continued)
(The following conditions apply to all the following parameters, unless otherwise specified.)
DC:
VCC=3.0V to 5.5V, Temp Range: -55C to 125C.
NOTE: -55C TEMPERATURE, SUBGROUP 3 IS GUARANTEED BUT NOT
TESTED.
SYMBOL
PARAMETER
CONDITIONS
NOTES
PIN-
NAME
MIN
MAX
UNIT
SUB-
GROUPS
ICCH
Supply Current
VCC=5.5V, VIL=0.0V
1, 2 VCC
2.0
uA
1
1, 2 VCC
40
uA
2, 3
AC PARAMETER
(The following conditions apply to all the following parameters, unless otherwise specified.)
AC:
CL=50pf, RL=500 OHMS, TRISE=3ns, TFALL=3ns, Temp Range: -55C to125C.
NOTE: -55C TEMPERATURE, SUBGROUP
11 IS GUARANTEED BUT NOT TESTED.
tpLH
Propagation Delay
VCC=4.5V
3,
4, 8
An to O 1.5
7.0
ns
9
3,
4, 8
An to O 1.5
8.5
ns
10, 11
VCC=3.0V
3,
4, 8
An to O 1.0
9.0
ns
9
3,
4, 8
An to O 1.0
11.0
ns
10, 11
tpHL
Propagation Delay
VCC=4.5V
3,
4, 8
An to O 1.5
6.5
ns
9
3,
4, 8
An to O 1.5
7.5
ns
10, 11
VCC=3.0V
3,
4, 8
An to O 1.0
8.5
ns
9
3,
4, 8
An to O 1.0
10.0
ns
10, 11
Note 1:
SCREEN TESTED 100% ON EACH DEVICE AT +25C & +125C TEMPERATURE, SUBGROUPS 1, 2, 7, &
8.
Note 2:
SAMPLE TESTED (METHOD 5005, TABLE 1) ON EACH MFG.
LOT AT +25C & +125C TEMPERATURE,
SUBGROUPS A1, 2, 7, & 8.
Note 3:
SCREEN TESTED 100% ON EACH DEVICE AT +25C TEMPERATURE ONLY, SUBGROUP A9.
Note 4:
SAMPLE TESTED (METHOD 5005, TABLE 1) ON EACH MFG.
LOT AT +25C & +125C TEMPERATURE,
SUBGROUPS A9 & 10.
Note 5:
SAMPLE TESTED (METHOD 5005, TABLE 1) ON EACH MFG.
LOT AT +25C TEMPERATURE ONLY,
SUBGROUP A9.
Note 6:
NOT TESTED AT +125C & -55C TEMPERATURE (DESIGN CHARACTERIZATION DATA).
Note 7:
TRANSMISSION LINE DRIVING TEST, GUARDBAND LIMITS SET FOR +25C, 2 MSEC DURATION MAX.
Note 8:
+25C & +125C MIN LIMITS GUARANTEED FOR 5.5V BY GUARDBANDING 4.5V MIN. LIMITS.
5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com