Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS16LP Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BAS16LP
Description  SURFACE MOUNT SWITCHING DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAS16LP Datasheet(HTML) 1 Page - Diodes Incorporated

  BAS16LP Datasheet HTML 1Page - Diodes Incorporated BAS16LP Datasheet HTML 2Page - Diodes Incorporated BAS16LP Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Lead-free Green
DS30505 Rev. 8 - 2
1 of 3
BAS16LP
www.diodes.com
ã Diodes Incorporated
BAS16LP
SURFACE MOUNT SWITCHING DIODE
·
Case: DFN1006-2
·
Case Material: Molded Plastic, "Green" Molding Compound.
UL Flammability Classification Rating 94V-0
·
Moisture sensitivity: Level 1 per J-STD-020C
·
Terminal Connections: Cathode Dot
·
Terminals: Finish - NiPdAu annealed over Copper
leadframe. Solderable per MIL-STD-202, Method 208
·
Marking: A6, Dot Denotes Cathode Side
·
Ordering Information: See Page 3
·
Weight: 0.001 grams
Mechanical Data
Features
Characteristic
Symbol
Value
Unit
Non-Repetitive Peak Reverse Voltage
VRM
100
V
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
75
V
RMS Reverse Voltage
VR(RMS)
53
V
Forward Continuous Current
IFM
300
mA
Average Rectified Output Current
IO
200
mA
Non-Repetitive Peak Forward Surge Current @ t = 1.0
ms
@ t = 1.0s
IFSM
2.0
1.0
A
Operating and Storage Temperature Range
Tj,TSTG
-65 to +150
°C
Maximum Ratings @ TA = 25°C unless otherwise specified
·
Fast Switching Speed
·
Ultra-Small Leadless Surface Mount Package
·
For General Purpose Switching Applications
·
Lead Free By Design/RoHS Compliant (Note 1)
·
"Green" Device (Note 2)
·
Qualified to AEC-Q101 Standards for High Reliability
Characteristic
Symbol
Value
Unit
Power Dissipation
Pd
250
mW
Thermal Resistance Junction to Ambient Air
RqJA
500
°C/W
Thermal Characteristics @ T
A = 25
°C unless otherwise specified
D
G
H
B
C
R
N
A
Notes:
1.
No purposefully added lead.
2.
Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
DFN1006-2
Dim
Min
Max
Typ
A
0.95
1.075
1.00
B
0.55
0.675
0.60
C
0.45
0.55
0.50
D
0.20
0.30
0.25
G
0.47
0.53
0.50
H
0
0.05
0.03
N
¾¾
0.40
R
0.05
0.15
0.10
All Dimensions in mm
SPICE MODEL: BAS16LP


Similar Part No. - BAS16LP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAS16LP DIODES-BAS16LP Datasheet
110Kb / 3P
SURFACE MOUNT SWITCHING DIODE
DS30505 Rev. 11 - 2
BAS16LP-7 DIODES-BAS16LP-7 Datasheet
110Kb / 3P
SURFACE MOUNT SWITCHING DIODE
DS30505 Rev. 11 - 2
BAS16LP-7 DIODES-BAS16LP-7 Datasheet
91Kb / 4P
SURFACE MOUNT SWITCHING DIODE
Rev 12
BAS16LP-7 DIODES-BAS16LP-7 Datasheet
306Kb / 5P
SURFACE MOUNT SWITCHING DIODE
Rev 14
BAS16LP-7B DIODES-BAS16LP-7B Datasheet
91Kb / 4P
SURFACE MOUNT SWITCHING DIODE
Rev 12
More results

Similar Description - BAS16LP

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAL99 TRSYS-BAL99 Datasheet
146Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Zowie Technology Corpor...
MMDL6050T1 ZOWIE-MMDL6050T1 Datasheet
47Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAL99 DIODES-BAL99 Datasheet
151Kb / 3P
SURFACE MOUNT SWITCHING DIODE
DS12009 Rev. 12 - 2
logo
GTM CORPORATION
GD511 GTM-GD511 Datasheet
230Kb / 2P
SURFACE MOUNT,SWITCHING DIODE
GDMBD2004 GTM-GDMBD2004 Datasheet
221Kb / 2P
SURFACE MOUNT,SWITCHING DIODE
GSBAS16 GTM-GSBAS16 Datasheet
119Kb / 2P
SURFACE MOUNT, SWITCHING DIODE
logo
Taiwan Semiconductor Co...
BAL99 TSC-BAL99 Datasheet
46Kb / 2P
Surface Mount Switching Diode
MMBD4148 TSC-MMBD4148 Datasheet
53Kb / 2P
Surface Mount Switching Diode
MMBD4448H TSC-MMBD4448H Datasheet
44Kb / 2P
Surface Mount Switching Diode
BAV23S TSC-BAV23S Datasheet
46Kb / 2P
Surface Mount Switching Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com