Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS20DW Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BAS20DW
Description  SURFACE MOUNT LOW LEAKAGE DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAS20DW Datasheet(HTML) 1 Page - Diodes Incorporated

  BAS20DW Datasheet HTML 1Page - Diodes Incorporated BAS20DW Datasheet HTML 2Page - Diodes Incorporated BAS20DW Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Lead-free Green
DS30617 Rev. 6 - 2
1 of 3
BAS20DW-BAS21DW
www.diodes.com
ã Diodes Incorporated
BAS20DW-BAS21DW
SURFACE MOUNT LOW LEAKAGE DIODE
Mechanical Data
A
B C
J
D
H
K
F
M
L
TOP VIEW
Electrical Characteristics @ TA = 25°C unless otherwise specified
·
Fast Switching Speed
·
Surface Mount Package Ideally Suited for Automatic
Insertion
·
For General Purpose Switching Applications
·
High Conductance
·
Lead Free By Design/RoHS Compliant (Note 3)
·
"Green Device" (Note 4)
·
Case: SOT-363, Molded Plastic
·
Case Material: Molded Plastic, “Green” Molding
Compound. UL Flammability Classification Rating 94V-0
·
Moisture sensitivity: Level 1 per J-STD-020C
·
Terminal Connections: See Diagram
·
Terminals: Finish
¾ Matte Tin annealed over Alloy 42
leadframe. Solderable per MIL-STD-202, Method 208
·
BAS20DW Marking: KT2 or KT3 (See Page 3)
·
BAS21DW Marking: KT3 (See Page 3)
·
Marking & Type Code Information: See Page 3
·
Ordering Information: See Page 3
·
Weight: 0.003 grams (approx.)
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 1)
Pd
200
mW
Thermal Resistance Junction to Ambient Air (Note 1)
RqJA
625
°C/W
Features
Note:
1. Part mounted on FR-4 board with recommended pad layout, which can be found on our website
at http://www.diodes.com/datasheets/ap02001.pdf.
2. Short duration test pulse used to minimize self-heating effect.
3. No purposefully added lead.
4. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
Maximum Ratings @ TA = 25°C unless otherwise specified
SOT-363
Dim
Min
Max
A
0.10
0.30
B
1.15
1.35
C
2.00
2.20
D
0.65 Nominal
F
0.30
0.40
H
1.80
2.20
J
¾
0.10
K
0.90
1.00
L
0.25
0.40
M
0.10
0.25
a
0
°
8°
All Dimensions in mm
Characteristic
Symbol
BAS20DW
BAS21DW
Unit
Repetitive Peak Reverse Voltage
VRRM
200
250
V
Working Peak Reverse Voltage
DC Blocking Voltage
VRWM
VR
150
200
V
RMS Reverse Voltage
VR(RMS)
106
141
V
Forward Continuous Current
IFM
400
mA
Average Rectified Output Current
IO
200
mA
Non-Repetitive Peak Forward Surge Current @ t = 1.0
ms
@ t = 1.0s
IFSM
2.5
0.5
A
Repetitive Peak Forward Surge Current
IFRM
625
mA
Operating and Storage Temperature Range
Tj ,TSTG
-65 to +150
°C
Characteristic
Symbol
Min
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 2)
BAS20DW
BAS21DW
V(BR)R
200
250
¾
¾
V
IR = 100
mA
Forward Voltage (Note 2)
VF
¾
1.0
1.25
V
IF = 100mA
IF = 200mA
Reverse Current
@ Rated DC Blocking Voltage (Note 2)
IR
¾
100
15
nA
mA
Tj = 25
°C
Tj = 100
°C
Total Capacitance
CT
¾
5.0
pF
VR = 0, f = 1.0MHz
Reverse Recovery Time
trr
¾
50
ns
IF = IR = 30mA,
Irr = 0.1 x IR,RL = 100
W
Thermal Characteristics, Total Package @ TA = 25°C unless otherwise specified
SPICE MODEL: BAS20DW BAS21DW


Similar Part No. - BAS20DW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAS20DW DIODES-BAS20DW Datasheet
107Kb / 4P
SURFACE MOUNT LOW LEAKAGE DIODE
DS30617 Rev. 10 - 2
BAS20DW-13 DIODES-BAS20DW-13 Datasheet
90Kb / 4P
SURFACE MOUNT HIGH VOLTAGE DUAL SWITCHING DIODE
Rev erse
BAS20DW-7 DIODES-BAS20DW-7 Datasheet
107Kb / 4P
SURFACE MOUNT LOW LEAKAGE DIODE
DS30617 Rev. 10 - 2
BAS20DW-7 DIODES-BAS20DW-7 Datasheet
90Kb / 4P
SURFACE MOUNT HIGH VOLTAGE DUAL SWITCHING DIODE
Rev erse
BAS20DWQ-13 DIODES-BAS20DWQ-13 Datasheet
90Kb / 4P
SURFACE MOUNT HIGH VOLTAGE DUAL SWITCHING DIODE
Rev erse
More results

Similar Description - BAS20DW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAS116T DIODES-BAS116T_09 Datasheet
82Kb / 3P
SURFACE MOUNT LOW LEAKAGE DIODE
Rev. 12 - 2 March 2009
BAV116W DIODES-BAV116W_08 Datasheet
115Kb / 3P
SURFACE MOUNT LOW LEAKAGE DIODE
Rev. 11 - 2 June 2008
BAV3004W DIODES-BAV3004W_08 Datasheet
115Kb / 3P
SURFACE MOUNT LOW LEAKAGE DIODE
DS30371 Rev. 11 - 2
BAS20DW DIODES-BAS20DW_09 Datasheet
107Kb / 4P
SURFACE MOUNT LOW LEAKAGE DIODE
DS30617 Rev. 10 - 2
BAS116 DIODES-BAS116_15 Datasheet
83Kb / 4P
SURFACE MOUNT LOW LEAKAGE DIODE
Rev 10
BAS116T DIODES-BAS116T_15 Datasheet
82Kb / 3P
SURFACE MOUNT LOW LEAKAGE DIODE
Rev erse
BAV116W DIODES-BAV116W_15 Datasheet
115Kb / 3P
SURFACE MOUNT LOW LEAKAGE DIODE
Rev erse
BAV3004WS DIODES-BAV3004WS_15 Datasheet
108Kb / 3P
SURFACE MOUNT LOW LEAKAGE DIODE
Rev erse
BAV116WS DIODES-BAV116WS Datasheet
279Kb / 5P
SURFACE MOUNT LOW LEAKAGE DIODE
Rev 4
BAW156TQ DIODES-BAW156TQ Datasheet
354Kb / 5P
SURFACE MOUNT LOW LEAKAGE DIODE
Rev 1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com