Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1068 Datasheet(PDF) 21 Page - Analog Devices

Part # ADM1068
Description  Super Sequencer??and Monitor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1068 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADM1068 Datasheet HTML 17Page - Analog Devices ADM1068 Datasheet HTML 18Page - Analog Devices ADM1068 Datasheet HTML 19Page - Analog Devices ADM1068 Datasheet HTML 20Page - Analog Devices ADM1068 Datasheet HTML 21Page - Analog Devices ADM1068 Datasheet HTML 22Page - Analog Devices ADM1068 Datasheet HTML 23Page - Analog Devices ADM1068 Datasheet HTML 24Page - Analog Devices ADM1068 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Preliminary Technical Data
ADM1068
Rev. PrB | Page 21 of 28
The device also has several identification registers (read-only),
which can be read across the SMBus. Table 8 lists these registers
with their values and functions.
Table 8. Identification Register Values and Functions
Name
Address
Value
Function
MANID
0xF4
0x41
Manufacturer ID for Analog
Devices
REVID
0xF5
0x00
Silicon revision
MARK1
0xF6
0x00
S/w brand
MARK2
0xF7
0x00
S/w brand
General SMBus Timing
Figure 25, Figure 26, and Figure 27 are timing diagrams for
general read and write operations using the SMBus. The SMBus
specification defines specific conditions for different types of
read and write operations, which are discussed in the Write
Operations and Read Operations sections.
The general SMBus protocol operates as follows:
1.
The master initiates data transfer by establishing a start
condition, defined as a high-to-low transition on the serial
data-line SDA, while the serial clock-line SCL remains
high. This indicates that a data stream follows. All slave
peripherals connected to the serial bus respond to the start
condition and shift in the next 8 bits, consisting of a 7-bit
slave address (MSB first) plus a R/W bit. This bit deter-
mines the direction of the data transfer, that is, whether
data is written to or read from the slave device (0 = write,
1 = read).
The peripheral whose address corresponds to the transmit-
ted address responds by pulling the data line low during
the low period before the ninth clock pulse, known as the
acknowledge bit, and holding it low during the high period
of this clock pulse.
All other devices on the bus remain idle while the selected
device waits for data to be read from or written to it. If the
R/W bit is a 0, the master writes to the slave device. If the
R/W bit is a 1, the master reads from the slave device.
2.
Data is sent over the serial bus in sequences of nine clock
pulses, eight bits of data followed by an acknowledge bit
from the slave device. Data transitions on the data line
must occur during the low period of the clock signal and
remain stable during the high period, because a low-to-
high transition when the clock is high might be interpreted
as a stop signal. If the operation is a write operation, the
first data byte after the slave address is a command byte.
This tells the slave device what to expect next. It might be
an instruction telling the slave device to expect a block
write, or it might simply be a register address that tells the
slave where subsequent data is to be written. Because data
can flow in only one direction, as defined by the R/W bit,
sending a command to a slave device during a read
operation is not possible. Before a read operation, it might
be necessary to perform a write operation to tell the slave
what sort of read operation to expect and/or the address
from which data is to be read.
3.
When all data bytes have been read or written, stop condi-
tions are established. In write mode, the master pulls the
data line high during the 10th clock pulse to assert a stop
condition. In read mode, the master device releases the
SDA line during the low period before the ninth clock
pulse, but the slave device does not pull it low. This is
known as no acknowledge. The master then takes the data
line low during the low period before the tenth clock pulse,
then high during the tenth clock pulse to assert a stop
condition.
19
9
1
19
1
9
START BY
MASTER
ACK. BY
SLAVE
ACK. BY
SLAVE
ACK. BY
SLAVE
ACK. BY
SLAVE
FRAME 2
COMMAND CODE
FRAME 1
SLAVE ADDRESS
FRAME N
DATA BYTE
FRAME 3
DATA BYTE
SCL
SDA
R/W
STOP
BY
MASTER
SCL
(CONTINUED)
SDA
(CONTINUED)
D7
A0
A1
1
0
0
1
0
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
Figure 25. General SMBus Write Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com