Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT40VC-7 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BAT40VC-7
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAT40VC-7 Datasheet(HTML) 1 Page - Diodes Incorporated

  BAT40VC-7 Datasheet HTML 1Page - Diodes Incorporated BAT40VC-7 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Lead-free Green
DS30637 Rev. 3 - 2
1 of 2
BAT40VC
www.diodes.com
© Diodes Incorporated
BAT40VC
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
•
Case: SOT-563
•
Case Material: Molded Plastic, "Green" Molding
Compound. UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020C
•
Terminal Connections: See Diagram
•
Terminals: Finish – Matte Tin annealed over Copper
leadframe. Solderable per MIL-STD-202, Method 208
•
Ordering: See Page 2
•
Marking & Type Code Information: See last page
•
Weight: 0.003 grams (approximate)
Mechanical Data
•
Low Forward Voltage Drop
•
Fast Switching
•
Ultra-Small Surface Mount Package
•
PN Junction Guard Ring for Transient and
ESD Protection
•
Lead Free by Design/RoHS Compliant (Note 1)
•
"Green" Device (Note 4)
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
40
V
Forward Continuous Current (Note 2)
IF
200
mA
Repetitive Peak Forward Current (Note 2)
IFRM
350
mA
Forward Surge Current (Note 2)
@ tp =10ms
IFSM
750
mA
Operating and Storage Temperature Range
Tj, TSTG
-65 to +125
°C
Notes:
1. No purposefully added lead.
2. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout
document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
3. Short duration test pulse used to minimize self-heating effect.
4. Diodes Inc's "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 3)
V(BR)R
40
V
IR = 100
µA
Forward Voltage (Note 3)
VF
330
420
800
1000
mV
IF = 2.0mA
IF = 15mA
IF = 100mA
IF = 200mA
Reverse Leakage Current (Note 3)
IR
500
nA
VR = 25V
Total Capacitance
CT
10
pF
VR = 1.0V, f = 1.0MHz
Reverse Recovery Time
trr
5.0
ns
IF = 10mA through IR = 10mA
to IR = 1.0mA, RL = 100
Ω
Electrical Characteristics @ TA = 25°C unless otherwise specified
Maximum Ratings @ TA = 25°C unless otherwise specified
SOT-563
Dim
Min
Max
Typ
A
0.15
0.30
0.25
B
1.10
1.25
1.20
C
1.55
1.70
1.60
D
0.50
G
0.90
1.10
1.00
H
1.50
1.70
1.60
K
0.56
0.60
0.60
L
0.10
0.30
0.20
M
0.10
0.18
All Dimensions in mm
A
M
L
B C
H
K
G
D
C
1
A
1
NC
NC
C
2
A
2
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 2)
Pd
150
mW
Thermal Resistance, Junction to Ambient Air (Note 3)
RθJA
833
°C/W
Features
Thermal Characteristics @ TA = 25°C unless otherwise specified
SPICE MODEL: BAT40VC


Similar Part No. - BAT40VC-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAT40VC DIODES-BAT40VC Datasheet
93Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
DS30637 Rev. 6 - 2
BAT40VC DIODES-BAT40VC_10 Datasheet
93Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
DS30637 Rev. 6 - 2
BAT40VC DIODES-BAT40VC_15 Datasheet
93Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
Rev 6
More results

Similar Description - BAT40VC-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAS70TW DIODES-BAS70TW Datasheet
56Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
DS30158 Rev. E-1
logo
Jiangsu Changjiang Elec...
FBAS70BRW JIANGSU-FBAS70BRW Datasheet
212Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
FBAS70DW-05 JIANGSU-FBAS70DW-05 Datasheet
209Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
FBAS70DW-06 JIANGSU-FBAS70DW-06 Datasheet
212Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
logo
Diodes Incorporated
BAT54TW DIODES-BAT54TW_1 Datasheet
94Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
DS30152 Rev. 11 - 2
BAT54V DIODES-BAT54V_1 Datasheet
88Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
DS30560 Rev. 4 - 2
BAT40V DIODES-BAT40V_08 Datasheet
122Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
DS30533 Rev. 7 - 2
BAS40TW DIODES-BAS40TW_15 Datasheet
131Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
Rev erse
BAT54SDWQ DIODES-BAT54SDWQ Datasheet
319Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
Rev 1
BAT54SDWQ DIODES-BAT54SDWQ_V01 Datasheet
408Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
November 2018 Rev. 2 - 2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com