Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC847BVC Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BC847BVC
Description  NPN DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BC847BVC Datasheet(HTML) 2 Page - Diodes Incorporated

  BC847BVC Datasheet HTML 1Page - Diodes Incorporated BC847BVC Datasheet HTML 2Page - Diodes Incorporated BC847BVC Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS30638 Rev. 3 - 2
2 of 3
BC847BVC
www.diodes.com
Electrical Characteristics @ TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
(Note 5)
V(BR)CBO
50
—
—
V
IC = 10
µA, IB = 0
Collector-Emitter Breakdown Voltage
(Note 5)
V(BR)CEO
45
—
—
V
IC = 10mA, IB = 0
Emitter-Base Breakdown Voltage
(Note 5)
V(BR)EBO
6
—
—
V
IE = 1
µA, IC = 0
DC Current Gain
(Note 5)
hFE
200
290
450
—
VCE = 5.0V, IC = 2.0mA
Collector-Emitter Saturation Voltage
(Note 5)
VCE(SAT)
—
—
100
300
mV
IC = 10mA, IB = 0.5mA
IC = 100mA, IB = 5.0mA
Base-Emitter Saturation Voltage
(Note 5)
VBE(SAT)
—
700
900
—
mV
IC = 10mA, IB = 0.5mA
IC = 100mA, IB = 5.0mA
Base-Emitter Voltage
(Note 5)
VBE
580
—
660
—
700
770
mV
VCE = 5.0V, IC = 2.0mA
VCE = 5.0V, IC = 10mA
Collector-Emitter Cutoff Current
(Note 5)
ICBO
ICBO
—
—
15
5.0
nA
µA
VCB = 30V
VCB = 30V, TA = 150°C
Gain Bandwidth Product
fT
100
—
—
MHz
VCE = 5.0V, IC = 10mA,
f = 100MHz
Output Capacitance
COBO
—
—
4.5
pF
VCB = 10V, f = 1.0MHz
Noise Figure
NF
—
—
10
dB
VCE = 5V, RS = 2.0k
Ω,
f = 1.0kHz, BW = 200Hz
Notes:
5. Short duration pulse test used to minimize self-heating effect.
6. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Month
Jan
Feb
March
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Date Code Key
4VK = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: P = 2003)
M = Month (ex: 9 = September)
4VK YM
Marking Information
Ordering Information (Note 6)
Device
Packaging
Shipping
BC847BVC-7
SOT-563
3000/Tape & Reel
Year
2005
2006
2007
2008
2009
Code
S
T
U
V
W



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com