Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFLS220L Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DFLS220L
Description  2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DFLS220L Datasheet(HTML) 1 Page - Diodes Incorporated

  DFLS220L Datasheet HTML 1Page - Diodes Incorporated DFLS220L Datasheet HTML 2Page - Diodes Incorporated DFLS220L Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
e3
DS30517 Rev. 2 - 2
1 of 3
DFLS220L
PowerDI is a trademark of Diodes Incorporated.
www.diodes.com
© Diodes Incorporated
B
A
A
C
E
L4
L
L1
E
H
D
L3
L2
L
Maximum Ratings
@ TA = 25
°C unless otherwise specified
•
Guard Ring Die Construction for
Transient Protection
•
Low Power Loss, High Efficiency
•
High Surge Capability
•
High Current Capability and Low Forward Voltage Drop
•
Lead Free Finish, RoHS Compliant (Note 5)
•
"Green" Molding Compound (No Br, Sb)
Mechanical Data
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
20
V
RMS Reverse Voltage
VR(RMS)
14
V
Average Forward Current
IF(AV)
2.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
single half sine-wave superimposed on rated load
IFSM
40
A
Power Dissipation (Note 1)
PD
1.67
W
Power Dissipation (Note 2)
PD
556
mW
Thermal Resistance Junction to Ambient (Note 1)
RθJA
60
°C/W
Thermal Resistance Junction to Ambient (Note 2)
RθJA
180
°C/W
Thermal Resistance Junction to Soldering (Note 3)
RθJS
10
°C/W
Operating Temperature Range
Tj
-55 to +125
°C
Storage Temperature Range
TSTG
-55 to +150
°C
•
Case: PowerDI
™
123
•
Plastic Material: Molded Plastic, "Green" Molding Compound.
UL Flammability Classification Rating 94V-0
•
Moisture sensitivity: Level 1 per J-STD-020C
•
Terminal Connections: Cathode Band
•
Terminals: Finish – Matte Tin annealed over Copper
leadframe. Solderable per MIL-STD-202, Method 208
•
Marking & Type Code Information: See Last Page
•
Weight: 0.01 grams (approx.)
•
Ordering Information: See Last Page
Electrical Characteristics @ TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 4)
V(BR)R
20
V
IR = 1.0mA
Forward Voltage (Note 4)
VF
0.32
0.375
0.36
0.42
V
IF = 1.0A
IF = 2.0A
Leakage Current (Note 4)
IR
0.26
1.0
mA
VR = 5V, TA = 25
°C
VR = 20V, TA = 25
°C
Total Capacitance
CT
75
pF
VR = 10V, f = 1.0MHz
Notes:
1. Part mounted on 50.8mm X 50.8mm GETEK board with 25.4mm X 25.4mm copper pad, 25% anode, 75% cathode.
2. Part mounted on FR-4 board with 1.8mm X 2.5mm cathode and 1.8mm X 1.2mm anode, 1 oz. copper pads.
3. Theoretical R
θJS calculated from the top center of the die straight down to the PCB/cathode tab solder junction.
4. Short duration pulse test to minimize self-heating effect.
5. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see EU Directive Annex Notes 5 and 7.
PowerDI™123
Dim
Min
Max
Typ
A
3.50
3.90
3.70
B
2.60
3.00
2.80
C
1.63
1.93
1.78
D
0.93
1.00
0.98
E
0.85
1.25
1.00
H
0.15
0.25
0.20
L
0.45
0.85
0.65
L1
—
—
1.35
L2
—
—
1.10
L3
—
—
0.20
L4
0.90
1.30
1.05
All Dimensions in mm
DFLS220L
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PowerDI ™
123
SPICE MODEL: DFLS220L


Similar Part No. - DFLS220L

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DFLS220L DIODES-DFLS220L Datasheet
75Kb / 3P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30517 Rev. 5 - 2
logo
Lattice Semiconductor
DFLS220L LATTICE-DFLS220L Datasheet
3Mb / 32P
ECP5 Versa Development Board User Guide
Version 2.3, September 2018
logo
Diodes Incorporated
DFLS220L-7 DIODES-DFLS220L-7 Datasheet
75Kb / 3P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30517 Rev. 5 - 2
DFLS220L DIODES-DFLS220L_08 Datasheet
75Kb / 3P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30517 Rev. 5 - 2
DFLS220L DIODES-DFLS220L_15 Datasheet
75Kb / 3P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER PowerDI짰123
Rev erse
More results

Similar Description - DFLS220L

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SK22 WTE-SK22 Datasheet
43Kb / 3P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
B220-13 DIODES-B220-13 Datasheet
249Kb / 5P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev 21
B230-13-F DIODES-B230-13-F Datasheet
249Kb / 5P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev 21
B250A-13 DIODES-B250A-13 Datasheet
106Kb / 4P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev 16
logo
SUNMATE electronic Co.,...
SK22 SUNMATE-SK22 Datasheet
146Kb / 2P
2.0A Surface Mount Schottky Barrier Rectifier
SS22 SUNMATE-SS22 Datasheet
100Kb / 2P
2.0A Surface Mount Schottky Barrier Rectifier
logo
Diodes Incorporated
MBR230S1F DIODES-MBR230S1F_15 Datasheet
251Kb / 5P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev erse
B220AQ DIODES-B220AQ Datasheet
286Kb / 6P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev 2
DFLS230LQ DIODES-DFLS230LQ Datasheet
287Kb / 5P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev 2
PD3S230HQ DIODES-PD3S230HQ Datasheet
224Kb / 5P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev. 1 - 2 March 2014
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com