Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZT52C15LP Datasheet(PDF) 3 Page - Diodes Incorporated

Part # BZT52C15LP
Description  SURFACE MOUNT ZENER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BZT52C15LP Datasheet(HTML) 3 Page - Diodes Incorporated

  BZT52C15LP Datasheet HTML 1Page - Diodes Incorporated BZT52C15LP Datasheet HTML 2Page - Diodes Incorporated BZT52C15LP Datasheet HTML 3Page - Diodes Incorporated BZT52C15LP Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DS30506 Rev. 11 - 2
3 of 4
BZT52C5V1LP - BZT52C24LP
www.diodes.com
Ordering Information
Device
Packaging
Shipping
(Type Number)-7*
DFN1006-2
3000/Tape & Reel
* Add “-7” to the appropriate type number in Table 1 above example: 6.2V Zener = BZT52C6V2LP-7.
Notes:
6. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
(Note 6)
Marking Information
9X
9X = Product Type Marking Code, Dot Denotes Cathode Side;
See Page 2
0.30
1.30
R = 0.05 (8x)
R = 0.05 (8x)
0.30
(2x)
0.40
(2x)
0.50
(2x)
0.90
Dimensions in mm.
0.60
(2x)
0.70
(2x)
0.80
(2x)
solder lands
solder resist
occupied area
solder paste
Suggested Pad Layout



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com