Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN5L06 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMN5L06
Description  SINGLE N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN5L06 Datasheet(HTML) 1 Page - Diodes Incorporated

  DMN5L06 Datasheet HTML 1Page - Diodes Incorporated DMN5L06 Datasheet HTML 2Page - Diodes Incorporated DMN5L06 Datasheet HTML 3Page - Diodes Incorporated DMN5L06 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Lead-free Green
DS30614 Rev. 3 - 2
1 of 4
DMN5L06
www.diodes.com
ã Diodes Incorporated
DMN5L06
SINGLE N-CHANNEL ENHANCEMENT
MODE FIELD EFFECT TRANSISTOR
Features
·
Single N-Channel MOSFET
·
Low On-Resistance
·
Very Low Gate Threshold Voltage
·
Low Input Capacitance
·
Fast Switching Speed
·
Low Input/Output Leakage
·
Ultra-Small Surface Mount Package
·
Lead Free By Design/RoHS Compliant (Note 2)
·
“Green” Device (Note 3)
Maximum Ratings
@ TA = 25
°C unless otherwise specified
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
50
V
Drain-Gate Voltage RGS
£ 1.0MW
VDGR
50
V
Gate-Source Voltage
Continuous
Pulsed
VGSS
±20
±40
V
Drain Current (Note 1)
Continuous
ID
280
mA
Drain Current (Note 1)
Pulsed
IDM
1.5
A
Total Power Dissipation (Note 1)
Pd
350
mW
Thermal Resistance, Junction to Ambient (Note 1)
RqJA
357
°C/W
Operating and Storage Temperature Range
Tj,TSTG
-55 to +150
°C
A
E
J
L
TOP VIEW
M
B
C
H
G
D
K
D
G
S
Mechanical Data
·
Case: SOT-23
·
Case Material: Molded Plastic, "Green" Molding
Compound. UL Flammability Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminals Connections: See Diagram
·
Terminals: Finish
¾ Matte Tin annealed over Copper
leadframe. Solderable per MIL-STD-202, Method 208
·
Marking: Date Code and Type Code, See Page 2
·
Ordering & Date Code Information: See Page 2
·
Weight: 0.008 grams (approximate)
Notes:
1. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout
document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
2. No purposefully added lead.
3. Diodes Inc’s “Green” policy can be found on our website at http://www.diodes.com/products/lead_free/index.php
.
SOT-23
Dim
Min
Max
A
0.37
0.51
B
1.20
1.40
C
2.30
2.50
D
0.89
1.03
E
0.45
0.60
G
1.78
2.05
H
2.80
3.00
J
0.013
0.10
K
0.903
1.10
L
0.45
0.61
M
0.085
0.180
a
0
°
8
°
All Dimensions in mm
Source
Gate
Drain


Similar Part No. - DMN5L06

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN5L06DMK DIODES-DMN5L06DMK Datasheet
144Kb / 5P
DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30927 Rev. 2 - 2
DMN5L06DMK DIODES-DMN5L06DMK Datasheet
276Kb / 4P
DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30927 Rev. 4 - 2
DMN5L06DMK-7 DIODES-DMN5L06DMK-7 Datasheet
144Kb / 5P
DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30927 Rev. 2 - 2
DMN5L06DMK-7 DIODES-DMN5L06DMK-7 Datasheet
276Kb / 4P
DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30927 Rev. 4 - 2
DMN5L06DMKQ DIODES-DMN5L06DMKQ Datasheet
608Kb / 6P
DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
Rev 1
More results

Similar Description - DMN5L06

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NDS8410 FAIRCHILD-NDS8410 Datasheet
265Kb / 10P
Single N-Channel Enhancement Mode Field Effect Transistor
NDS8410A FAIRCHILD-NDS8410A Datasheet
265Kb / 10P
Single N-Channel Enhancement Mode Field Effect Transistor
NDS8410S FAIRCHILD-NDS8410S Datasheet
264Kb / 10P
Single N-Channel Enhancement Mode Field Effect Transistor
NDS8425 FAIRCHILD-NDS8425 Datasheet
264Kb / 10P
Single N-Channel Enhancement Mode Field Effect Transistor
NDS8426 FAIRCHILD-NDS8426 Datasheet
266Kb / 10P
Single N-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM0310 CET-CEM0310 Datasheet
751Kb / 4P
Single N-Channel Enhancement Mode Field Effect Transistor
logo
CET-MOS Technology Corp...
CEM1010 CET-MOS-CEM1010 Datasheet
714Kb / 4P
Single N-Channel Enhancement Mode Field Effect Transistor
Rev 2.
CEM1210 CET-MOS-CEM1210 Datasheet
770Kb / 5P
Single N-Channel Enhancement Mode Field Effect Transistor
Rev 2.
CEM1310SL CET-MOS-CEM1310SL Datasheet
484Kb / 5P
Single N-Channel Enhancement Mode Field Effect Transistor
Rev 2.
CEM1510 CET-MOS-CEM1510 Datasheet
753Kb / 5P
Single N-Channel Enhancement Mode Field Effect Transistor
Rev 2.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com