Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM54LS447W Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DM54LS447W
Description  BCD to 7-Segment Decoder/Driver with Open-Collector Outputs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM54LS447W Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DM54LS447W Datasheet HTML 1Page - National Semiconductor (TI) DM54LS447W Datasheet HTML 2Page - National Semiconductor (TI) DM54LS447W Datasheet HTML 3Page - National Semiconductor (TI) DM54LS447W Datasheet HTML 4Page - National Semiconductor (TI) DM54LS447W Datasheet HTML 5Page - National Semiconductor (TI) DM54LS447W Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF10187
May 1992
DM54LS447DM74LS447
BCD to 7-Segment DecoderDriver
with Open-Collector Outputs
General Description
The ’LS447 is the same as the ’LS247 except that the Out-
put OFF Voltage VOH is specified as 70V rather than 15V
with the same IOH limit of 250 mA For all other information
please refer to the ’LS247 data sheet
Connection Diagram
Dual-In-Line Package
TLF10187 – 1
Order Number DM54LS447J DM54LS447W DM74LS447M or DM74LS447N
See NS Package Number J16A M16A N16E or W16A
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - DM54LS447W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DM54LS42 TI-DM54LS42 Datasheet
341Kb / 8P
54LS42 DM54LS42 DM74LS42 BCD to Decimal Decoders
logo
National Semiconductor ...
DM54LS42J NSC-DM54LS42J Datasheet
128Kb / 6P
Decimal Decoders
DM54LS42W NSC-DM54LS42W Datasheet
128Kb / 6P
Decimal Decoders
DM54LS450 NSC-DM54LS450 Datasheet
128Kb / 6P
16:1 Multiplexer
DM54LS450J NSC-DM54LS450J Datasheet
128Kb / 6P
16:1 Multiplexer
More results

Similar Description - DM54LS447W

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SN74LS47 ONSEMI-SN74LS47 Datasheet
132Kb / 8P
BCD to 7-Segment Decoder/Driver
December, 1999 ??Rev. 6
logo
Fairchild Semiconductor
DM74LS47 FAIRCHILD-DM74LS47 Datasheet
67Kb / 6P
BCD to 7-Segment Decoder/Driver with Open-Collector Outputs
DM9370 FAIRCHILD-DM9370 Datasheet
58Kb / 5P
7-Segment Decoder/Driver/Latch with Open-Collector Outputs
logo
Hitachi Semiconductor
HD74LS49 HITACHI-HD74LS49 Datasheet
66Kb / 5P
BCD-to-Seven Segment Decoder Driver(with Open collector outputs)
logo
Fairchild Semiconductor
DM74LS247 FAIRCHILD-DM74LS247 Datasheet
81Kb / 4P
BCD to 7-Segment Decoder/Driver with Open-Collector Outputs
logo
National Semiconductor ...
54LS247 NSC-54LS247 Datasheet
66Kb / 3P
BCD TO 7-SEGMENT DECODER/DRIVER WITH OPEN-COLLECTOR OUTPUTS
54LS447 NSC-54LS447 Datasheet
67Kb / 3P
BCD to 7-Segment Decoder/Driver
DM74LS249 NSC-DM74LS249 Datasheet
103Kb / 6P
BCD to 7-Segment Decoder with Open-Collector Outputs
logo
Fairchild Semiconductor
54LS347 FAIRCHILD-54LS347 Datasheet
51Kb / 1P
BCD TO 7-SEGMENT DECODER/DRIVER
DM74LS47 FAIRCHILD-DM74LS47_07 Datasheet
203Kb / 8P
BCD to 7-Segment Decoder/Driver with Open-Collector Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com