Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DVR3V3W Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DVR3V3W
Description  COMPLEX ARRAY FOR VOLTAGE REGULATORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DVR3V3W Datasheet(HTML) 1 Page - Diodes Incorporated

  DVR3V3W Datasheet HTML 1Page - Diodes Incorporated DVR3V3W Datasheet HTML 2Page - Diodes Incorporated DVR3V3W Datasheet HTML 3Page - Diodes Incorporated DVR3V3W Datasheet HTML 4Page - Diodes Incorporated DVR3V3W Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Lead-free Green
DS30578 Rev. 4 - 2
1 of 5
DVR1V8W - DVR5V0W
www.diodes.com
ã Diodes Incorporated
DVR1V8W - DVR5V0W
COMPLEX ARRAY FOR VOLTAGE REGULATORS
·
Epitaxial Planar Die Construction
·
Selectively Paired NPN Transistors & Zener Diodes for
Series Pass Voltage Regulator Circuits
·
Ideally Suited for Automated Assembly Processes
·
Lead Free By Design/RoHS Compliant (Note 1)
·
"Green" Device (Note 2)
Features
Notes:
1. No purposefully added lead.
2. Diodes Inc’s “Green” policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
3. Part mounted on FR-4 board with recommended pad layout, which can be found on our website
at http://www.diodes.com/datasheets/ap02001.pdf.
·
Case: SOT-363
·
Case Material: Molded Plastic. "Green" Molding Compound.
UL Flammability Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminals: Finish – Matte Tin annealed over Alloy 42
leadframe. Solderable per MIL-STD-202, Method 208
·
Terminal Connections: See Diagram
·
Marking & Type Code Information: See Last Page
·
Ordering Information: See Last Page
·
Weight: 0.008 grams (approximate)
Mechanical Data
A
M
J
L
D
B C
H
K
G
F
Maximum Ratings, Total Device @ TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 3)
Pd
200
mW
Thermal Resistance, Junction to Ambient (Note 3)
RqJA
625
°C/W
Operating and Storage and Temperature Range
Tj,TSTG
-55 to +150
°C
@ TA = 25
°C unless otherwise specified
A
1
E
1
K
1
NC
C
1
B
1
SOT-363
Dim
Min
Max
A
0.10
0.30
B
1.15
1.35
C
2.00
2.20
D
0.65 Nominal
F
0.30
0.40
H
1.80
2.20
J
¾
0.10
K
0.90
1.00
L
0.25
0.40
M
0.10
0.25
a
8°
All Dimensions in mm
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
45
V
Collector-Emitter Voltage
VCEO
18
V
Emitter-Base Voltage
VEBO
5V
Collector Current - Continuous (Note 3)
IC
1A
Maximum Ratings, NPN Transistor
Maximum Ratings, Zener Element @ TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Forward Voltage
@ IF = 10mA
VF
0.9
V
SPICE MODELS: DVR5V0W DVR1V8W DVR2V5W DVR3V3W


Similar Part No. - DVR3V3W

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DVR3V3W DIODES-DVR3V3W Datasheet
146Kb / 5P
COMPLEX ARRAY FOR VOLTAGE REGULATORS
DS30578 Rev. 5 - 2
More results

Similar Description - DVR3V3W

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
CTA2N1P DIODES-CTA2N1P Datasheet
61Kb / 3P
COMPLEX TRANSISTOR ARRAY
DS30295 Rev. A-2
CTA2P1N DIODES-CTA2P1N Datasheet
69Kb / 4P
COMPLEX TRANSISTOR ARRAY
DS30296 Rev. 2 - 2
DRDPB26W DIODES-DRDPB26W Datasheet
305Kb / 9P
COMPLEX ARRAY FOR RELAY DRIVERS
DS30573 Rev. 8 - 2
DRDNB21D DIODES-DRDNB21D Datasheet
97Kb / 5P
COMPLEX ARRAY FOR DUAL RELAY DRIVER
DS30756 Rev. 3 - 2
CTA2N1P DIODES-CTA2N1P_1 Datasheet
124Kb / 7P
COMPLEX TRANSISTOR ARRAY
DS30295 Rev. 6 - 2
CTA2P1N DIODES-CTA2P1N_1 Datasheet
715Kb / 7P
COMPLEX TRANSISTOR ARRAY
DS30296 Rev. 7 - 2
CTA2N1P DIODES-CTA2N1P_2 Datasheet
176Kb / 6P
COMPLEX TRANSISTOR ARRAY
Rev. 7 - 2
DRDNB16W DIODES-DRDNB16W_1 Datasheet
355Kb / 9P
COMPLEX ARRAY FOR RELAY DRIVERS
DS30573 Rev. 10 - 2
DVR1V8W DIODES-DVR1V8W_1 Datasheet
146Kb / 5P
COMPLEX ARRAY FOR VOLTAGE REGULATORS
DS30578 Rev. 5 - 2
HBDM60V600W DIODES-HBDM60V600W_08 Datasheet
201Kb / 7P
COMPLEX TRANSISTOR ARRAY FOR BIPOLAR
DS30701 Rev. 5 - 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com