Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDT3906VC Datasheet(PDF) 1 Page - Diodes Incorporated

Part # MMDT3906VC
Description  DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMDT3906VC Datasheet(HTML) 1 Page - Diodes Incorporated

  MMDT3906VC Datasheet HTML 1Page - Diodes Incorporated MMDT3906VC Datasheet HTML 2Page - Diodes Incorporated MMDT3906VC Datasheet HTML 3Page - Diodes Incorporated MMDT3906VC Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Lead-free Green
DS30640 Rev. 3 - 2
1 of 4
MMDT3906VC
www.diodes.com
© Diodes Incorporated
•
Epitaxial Planar Die Construction
•
Ideal for Low Power Amplification and Switching
•
Ultra-Small Surface Mount Package
•
Lead Free By Design/RoHS Compliant (Note 1)
•
"Green" Device (Note 4)
Features
Maximum Ratings
@ TA = 25
°C unless otherwise specified
A
M
L
B C
H
K
G
D
C
1
B
2
E
2
C
2
E
1
B
1
Mechanical Data
•
Case: SOT-563
•
Case Material: Molded Plastic, "Green" Molding Compound.
UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020C
•
Terminal Connections: See Diagram
•
Terminals: Finish - Matte Tin annealed over Copper
leadframe. Solderable per MIL-STD-202, Method 208
•
Marking & Type Code Information: See Last Page
•
Ordering Information: See Last Page
•
Weight: 0.003 grams (approximate)
MMDT3906VC
DUAL PNP SMALL SIGNAL SURFACE MOUNT
TRANSISTOR
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
-40
V
Collector-Emitter Voltage
VCEO
-40
V
Emitter-Base Voltage
VEBO
-5.0
V
Collector Current - Continuous
IC
-200
mA
Power Dissipation (Note 3)
Pd
150
mW
Thermal Resistance, Junction to Ambient
RθJA
833
°C/W
Operating and Storage and Temperature Range
Tj, TSTG
-55 to +150
°C
SOT-563
Dim
Min
Max
Typ
A
0.15
0.30
0.25
B
1.10
1.25
1.20
C
1.55
1.70
1.60
D
0.50
G
0.90
1.10
1.00
H
1.50
1.70
1.60
K
0.56
0.60
0.60
L
0.10
0.30
0.20
M
0.10
0.18
All Dimensions in mm
SEE NOTE 2
C
1
B
2
E
2
C
2
E
1
B
1
Notes:
1. No purposefully added lead.
2. Package is non-polarized. Parts may be on reel in orientation illustrated, 180
° rotated, or mixed (both ways).
3. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout
document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
4. Diodes Inc's "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php
Thermal Characteristics @ TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 3)
Pd
150
mW
Thermal Resistance, Junction to Ambient
RθJA
833
°C/W
SPICE MODEL: MMDT3906VC


Similar Part No. - MMDT3906VC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMDT3906VC DIODES-MMDT3906VC Datasheet
305Kb / 7P
40V DUAL PNP SMALL SIGNAL TRANSISTOR
Rev 5
MMDT3906VC-7 DIODES-MMDT3906VC-7 Datasheet
305Kb / 7P
40V DUAL PNP SMALL SIGNAL TRANSISTOR
Rev 5
MMDT3906VC DIODES-MMDT3906VC_15 Datasheet
213Kb / 4P
DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 3
MMDT3906VC DIODES-MMDT3906VC_17 Datasheet
305Kb / 7P
40V DUAL PNP SMALL SIGNAL TRANSISTOR
Rev 5
More results

Similar Description - MMDT3906VC

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMDT3906 TRSYS-MMDT3906 Datasheet
195Kb / 2P
DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Diodes Incorporated
MMDT2907V DIODES-MMDT2907V Datasheet
152Kb / 4P
DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30564 Rev. 4 - 2
MMDT4403 DIODES-MMDT4403_1 Datasheet
437Kb / 4P
DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30110 Rev. 7 - 2
IMT4 DIODES-IMT4_1 Datasheet
455Kb / 4P
DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30303 Rev. 7 - 2
logo
Galaxy Semi-Conductor H...
MMDT3906 BILIN-MMDT3906 Datasheet
184Kb / 4P
Dual PNP Small Signal Surface Mount Transistor
logo
Diodes Incorporated
DST857BDJ DIODES-DST857BDJ Datasheet
143Kb / 5P
DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS32037 Rev. 1 - 2
MMDT4403 DIODES-MMDT4403_2 Datasheet
177Kb / 4P
DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30110 Rev. 10 - 2
logo
Unisonic Technologies
MMDT3906 UTC-MMDT3906 Datasheet
121Kb / 4P
DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Diodes Incorporated
MMDT4403 DIODES-MMDT4403_15 Datasheet
177Kb / 4P
DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 10
BC857BV DIODES-BC857BV_15 Datasheet
352Kb / 5P
PNP DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 7
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com