Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDS760 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PDS760
Description  7A SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PDS760 Datasheet(HTML) 2 Page - Diodes Incorporated

  PDS760 Datasheet HTML 1Page - Diodes Incorporated PDS760 Datasheet HTML 2Page - Diodes Incorporated PDS760 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS30477 Rev. 9 - 2
2 of 3
PDS760
PowerDI is a trademark of Diodes Incorporated.
www.diodes.com
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
Fig. 1 Typical Forward Characteristics
10
1
100
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
T = 150°C
j
T = 25°C
j
T = 85°C
j
T = -65°C
j
T = 125°C
j
100m
1m
10m
0
20
10
40
60
V , INSTANTANEOUS REVERSE VOLTAGE (V)
Fig. 2 Typical Reverse Characteristics
R
1n
10n
100n
1m
10m
100m
T= 25°C
j
T= 85°C
j
T = -65°C
j
T = 125°C
j
T = 150°C
j
30
50
Notes: 5. Short duration test pulse used to minimize self-heating effect.
6. Polymide PCB, 2 oz. Copper. Cathode pad dimensions 18.8 mm x 14.4 mm. Anode pad dimensions 5.6 mm x 3.0 mm.
Electrical Characteristics @ TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 5)
V(BR)R
60
¾¾
V
IR = 0.2mA
Forward Voltage
VF
¾
¾
¾
¾
0.48
0.41
0.56
0.50
0.54
0.47
0.62
0.56
V
IF = 3.5A, Ts = 25
°C
IF = 3.5A, Ts = 125
°C
IF = 7A, Ts = 25
°C
IF = 7A, Ts = 125
°C
Reverse Leakage Current (Note 5)
IR
¾
¾
6
4
200
20
mA
mA
Ts = 25
°C, VR = 60V
Ts = 125
°C, VR = 60V
0
V , REVERSE VOLTAGE (V)
Fig.3 Typical Total Capacitance
R
0
200
400
600
800
1,000
1,200
5
10
15
20
25
30
f=1MHz
0
2.0
4.0
6.0
10.0
8.0
0
25
50
75
100
125
150
T , AMBIENT TEMPERATURE (°C)
Fig. 4 DC Forward Current Derating
A
Note 6
Note 2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com