Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTV01R Datasheet(PDF) 40 Page - Amphenol Corporation

Part # CTV01R
Description  Subminiature Cylindrical Connectors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

CTV01R Datasheet(HTML) 40 Page - Amphenol Corporation

Back Button CTV01R Datasheet HTML 36Page - Amphenol Corporation CTV01R Datasheet HTML 37Page - Amphenol Corporation CTV01R Datasheet HTML 38Page - Amphenol Corporation CTV01R Datasheet HTML 39Page - Amphenol Corporation CTV01R Datasheet HTML 40Page - Amphenol Corporation CTV01R Datasheet HTML 41Page - Amphenol Corporation CTV01R Datasheet HTML 42Page - Amphenol Corporation CTV01R Datasheet HTML 43Page - Amphenol Corporation CTV01R Datasheet HTML 44Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 54 page
background image
38
Tri-Start – accessories
universal “header assembly” for flex print or
PC board mounting
Mounts to all MIL-DTL-38999 and
MIL-C-26482 Connectors
The use of connectors with printed circuit ter-
mination is rapidly gaining popularity due to
the rise of high volume, vapor phase or wave
solder manufacturing processes. Termination
of this style of connector to flex print or a
printed circuit board represents a major cost
in the manufacturing process for users. When
adding flex or printed circuit board assem-
blies to an expensive filter or filter/transient
protection connector, the total cost of a failed
solder joint, a bent pin, or an unanticipated electrical failure becomes prohibitive.
The universal header assembly from Amphenol will provide for easy separation
of the connector from the board on these occasions.
Header Assemblies Provide Cost Savings
Incorporation of the header assembly provides the user with time and cost saving
potentials. These header assemblies can be vapor phase or wave soldered to
flex or printed circuit boards prior to the receipt of the EMI/EMP connector.
Headers can be installed to standard connectors, allowing for electrical testing
that would adversely affect the sensitive diodes, MOV’s or capacitors in the
EMI/EMP connectors. Expensive connector assemblies can be easily removed
from and reattached to the header assembly as the manufacturing process
dictates.
Mounting Applications
Shell modifications are recommended, but are not necessary. The header as-
sembly can be attached to connectors with standard flange placement or di-
rectly to the circuit board. The ideal application would involve either a single
flange moved all the way to the rear of the connector or a double flange. Cinch
nuts can be installed in either flange to allow easier mounting to the panel or the
header assembly. The forward flange would mount the connector to the panel;
the rear flange would be used to mount the header assembly. Various types of
captivated or loose attaching screws can be utilized for unique applications.
Amphenol universal headers are slotted to allow mounting to all series of MIL-
DTL-38999 or MIL-C-26482 connectors without special alterations. They are of
similar dimension as the flange of the mounting connector and would be ap-
proximately .185 inches (4.70 mm) thick.
Incorporates a Shorter Pin/Socket Contact
The heart of the header assembly is a short pin/socket contact. The tail of the
contact would accommodate standard through-hole diameters and thickness of
the flex or printed circuit board materials. The socket is imbedded in the molded
material, making electrical engagement with the printed circuit tail of the con-
nector.
Cylindrical Configuration
•
3 PCB stickout dimensions are available.
•
Size 22 contacts use .175 thick headers
•
Size 16 to 20 contacts use .195 thick
headers
•
Consult Amphenol, Sidney NY for additional
configurations.
•
Headers for cylindrical connectors accom-
modate up to 128 pins. Consult Amphenol
catalogs for mating connector contact
layouts (12-092 and 12-090 for MIL-DTL-
38999 and 12-070 for MIL-C-26482)
Mounting to Rectangular ARINC Con-
nectors
•
Headers for ARINC connector arrangements
accommodate up to 150 pins
•
Consult Amphenol, Sidney, NY for ARINC
configurations and detailed dimensions.
Materials
•
Body is molded from Torlon or PPS
(Polyphenylene Sulfide)
•
Electrical engagement areas of the header
contact are plated with .00003 inches
minimum of gold over .00005 inches
minimum of nickel.
See drawing of standard header on next page.
Headers provide easy
separation of the
connector from the PC
board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com