Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDS835L Datasheet(PDF) 3 Page - Diodes Incorporated

Part # PDS835L
Description  8A LOW VF SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PDS835L Datasheet(HTML) 3 Page - Diodes Incorporated

  PDS835L Datasheet HTML 1Page - Diodes Incorporated PDS835L Datasheet HTML 2Page - Diodes Incorporated PDS835L Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DS30488 Rev. 7 - 2
3 of 3
PDS835L
PowerDI is a trademark of Diodes Incorporated.
www.diodes.com
Device
Packaging
Shipping
PDS835L-13
PowerDIä5
5000/Tape & Reel
Ordering Information
S835L = Product type marking code
= Manufacturers’ code marking
YYWW = Date code marking
YY = Last two digits of year ex: 04 for 2004
WW = Week code 01 to 52
K = Factory Designator
YYWWK
S835L
(Note 7)
Marking Information
0
2
4
6
10
8
0
25
50
75
100
125
150
T , AMBIENT TEMPERATURE (°C)
Fig. 5 DC Forward Current Derating
A
Note 2
Note 6
0
1
2
3
4
0
1
3
2
4
5
6
7
8
9
10
I
, AVERAGE FORWARD CURRENT (A)
Fig. 6 Forward Power Dissipation
F(AV)
I
PK
I
AV
= 1 (DC)
0
30
150
120
90
60
V , DC REVERSE VOLTAGE (V)
Fig. 7 Operating Temperature Derating
R
Note 2
0
20
25
30
35
10
15
5
Notes:
2. FR-4 PCB, 2 oz. Copper, minimum recommended pad layout per http://www.diodes.com/datasheets/ap02001.pdf.
3. Polymide PCB, 2 oz. Copper, minimum recommended pad layout per http://www.diodes.com/datasheets/ap02001.pdf.
4. Polymide PCB, 2 oz. Copper. Cathode pad dimensions 9.4mm x 7.2mm. Anode pad dimensions 2.7mm x 1.6mm.
6. Polymide PCB, 2 oz. Copper. Cathode pad dimensions 18.8mm x 14.4mm. Anode pad dimensions 5.6mm x 3.0mm.
7. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com