Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE1000DF Datasheet(PDF) 1 Page - PerkinElmer Optoelectronics

Part # PE1000DF
Description  CERMAX XENON ARC LAMPS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

PE1000DF Datasheet(HTML) 1 Page - PerkinElmer Optoelectronics

  PE1000DF Datasheet HTML 1Page - PerkinElmer Optoelectronics PE1000DF Datasheet HTML 2Page - PerkinElmer Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
.
www.perkinelmer.com/opto
PE1000DF and PE1000DUV
CERMAX® XENON ARC LAMPS
Lighting
Imaging
Telecom
Cermax® Xenon Arc Lamps
Applications
•
Medical and industrial fiber optic illu-
minators
• Machine vision
• Infrared and visible spotlights/beacons
• Spectroscopy
• Microscopy
• UV Curing
• Video projection
Description
The Cermax® xenon arc lamp is an innova-
tive lamp design in the specialty lighting
industry. These lamps were introduced in
the early 1980’s and are now used in endo-
scopes in most major hospitals worldwide,
in high brightness projection display sys-
tems, and for a wide variety of other high
performance applications.
The PE
1000DF and PE1000DUV Cermax®
lamps have an integrated parabolic reflector,
enabling high intensity, focused output of
ultraviolet, visible, and infrared radiation.
With their internal reflector and rugged
ceramic body construction, Cermax® lamps
are the safest and most compact alternative
to conventional quartz xenon lamps. This
makes them ideal for applications that
require a high degree of illumination control.
Current-regulated or power-regulated power
supplies with output ripples of less than 5%
are recommended. Single shot ignition
pulses are advised because radio frequency
starters may damage the lamps internal
reflector.
In addition to lamps, PerkinElmer
Optoelectronics manufactures Cermax® arc
lamp power supplies, lamp holders, OEM
lighting systems, and fiber optic light
sources.


Similar Part No. - PE1000DF

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
PE1000D-10F PERKINELMER-PE1000D-10F Datasheet
67Kb / 2P
CERMAX FOCUSED XENON ARC LAMPS
PE1000D-10UV PERKINELMER-PE1000D-10UV Datasheet
67Kb / 2P
CERMAX FOCUSED XENON ARC LAMPS
More results

Similar Description - PE1000DF

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
PE1000D-10F PERKINELMER-PE1000D-10F Datasheet
67Kb / 2P
CERMAX FOCUSED XENON ARC LAMPS
PE125B-10F PERKINELMER-PE125B-10F Datasheet
64Kb / 2P
CERMAX FOCUSED XENON ARC LAMPS
PE125BF PERKINELMER-PE125BF Datasheet
64Kb / 2P
CERMAX XENON ARC LAMPS
PE1500D-10F PERKINELMER-PE1500D-10F Datasheet
65Kb / 2P
CERMAX FOCUSED XENON ARC LAMPS
PE150A-10F PERKINELMER-PE150A-10F Datasheet
66Kb / 2P
CERMAX FOCUSED XENON ARC LAMPS
PE175B-10F PERKINELMER-PE175B-10F Datasheet
64Kb / 2P
CERMAX FOCUSED XENON ARC LAMPS
PE175BF PERKINELMER-PE175BF Datasheet
62Kb / 2P
CERMAX XENON ARC LAMPS
PE300BF PERKINELMER-PE300BF Datasheet
63Kb / 2P
CERMAX XENON ARC LAMPS
PE500C-13F PERKINELMER-PE500C-13F Datasheet
65Kb / 2P
CERMAX FOCUSED XENON ARC LAMPS
PE500DF PERKINELMER-PE500DF Datasheet
63Kb / 2P
CERMAX XENON ARC LAMPS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com