Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDS4150 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PDS4150
Description  4A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PDS4150 Datasheet(HTML) 2 Page - Diodes Incorporated

  PDS4150 Datasheet HTML 1Page - Diodes Incorporated PDS4150 Datasheet HTML 2Page - Diodes Incorporated PDS4150 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS30473 Rev. 8 - 2
2 of 3
PDS4150
PowerDI is a trademark of Diodes Incorporated.
www.diodes.com
Notes:
5. Short duration test pulse used to minimize self-heating effect
.
Electrical Characteristics @ TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 5)
V(BR)R
150
¾¾
V
IR = 10
mA
Forward Voltage
VF
¾
¾
¾
¾
0.71
0.57
0.77
0.63
0.76
0.64
0.81
0.70
V
IF = 4A, TS = 25
°C
IF = 4A, TS = 125
°C
IF = 8A, TS = 25
°C
IF = 8A, TS = 125
°C
Reverse Leakage Current (Note 5)
IR
¾
¾
0.3
0.4
10
4.5
mA
mA
TS = 25
°C, VR = 150V
TS = 125
°C, VR = 150V
0
V , REVERSE VOLTAGE (V)
Fig.3 Typical Total Capacitance
R
0
100
200
300
400
500
600
5
10
15
20
25
30
f=1MHz
0
25
75
125
150
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
Fig. 2 Typical Reverse Characteristics
1n
10n
100n
1m
10m
50
100
T = 125°C
j
T= 85°C
j
T = 25°C
j
T = -65°C
j
T = 150°C
j
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
Fig. 1 Typical Forward Characteristics
1
10
100
0
0.2
0.4
0.6
0.8
11.2
T = 150°C
j
T = 125°C
j
T = 85°C
j
T= 25°C
j
T = -65°C
j
100m
1m
10m
5.0
4.0
3.0
2.0
1.0
0
0
30
60
90
120
150
180
T , AMBIENT TEMPERATURE (°C)
Fig. 4 DC Forward Current Derating
A
Note 3
Note 2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com