Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H757XI Datasheet(PDF) 39 Page - STMicroelectronics

Part # STM32H757XI
Description  Dual 32-bit Arm® Cortex®-M7 up to 480MHz and -M4 MCUs, 2MB Flash, 1MB RAM, 46 com. and analog interfaces, SMPS, DSI, crypto
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H757XI Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STM32H757XI Datasheet HTML 35Page - STMicroelectronics STM32H757XI Datasheet HTML 36Page - STMicroelectronics STM32H757XI Datasheet HTML 37Page - STMicroelectronics STM32H757XI Datasheet HTML 38Page - STMicroelectronics STM32H757XI Datasheet HTML 39Page - STMicroelectronics STM32H757XI Datasheet HTML 40Page - STMicroelectronics STM32H757XI Datasheet HTML 41Page - STMicroelectronics STM32H757XI Datasheet HTML 42Page - STMicroelectronics STM32H757XI Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 251 page
background image
DS12931 Rev 1
39/251
STM32H757xI
Functional overview
55
3.25
LCD-TFT controller
The LCD-TFT display controller provides a 24-bit parallel digital RGB (Red, Green, Blue)
and delivers all signals to interface directly to a broad range of LCD and TFT panels up to
XGA (1024x768) resolution with the following features:
•
2 display layers with dedicated FIFO (64x64-bit)
•
Color Look-Up table (CLUT) up to 256 colors (256x24-bit) per layer
•
Up to 8 input color formats selectable per layer
•
Flexible blending between two layers using alpha value (per pixel or constant)
•
Flexible programmable parameters for each layer
•
Color keying (transparency color)
•
Up to 4 programmable interrupt events
•
AXI master interface with burst of 16 words
3.26
DSI Host (DSI)
The DSI Host is a dedicated peripheral for interfacing with MIPI® DSI compliant displays. It
includes a dedicated video interface internally connected to the LTDC, a generic APB
interface that can be used to transmit information to the display, and Video mode pattern
generator:
•
LTDC interface
It is used to transmit information in Video mode, in which the transfers from the host
processor to the peripheral take the form of a real-time pixel stream (DPI).
This interface can also be used to transmit information in full bandwidth in the Adapted
Command mode (DBI).
•
APB slave interface
The APB slave interface allows transmitting generic information in Command mode
though a proprietary register interface. It can operate concurrently with the LTDC
interface either in Video or Adapted Command mode.
•
The Video mode pattern generator allows transmitting horizontal/vertical color bar and
D-PHY BER testing pattern without any kind of stimuli.
The DSI Host main features are the following:
•
Compliance with MIPI® Alliance standards
•
Interface with MIPI® D-PHY
•
Support for all commands defined in the MIPI® Alliance specification for DCS:
–
Transmission of all Command mode packets through the APB interface
–
Transmission of commands in low-power and high-speed during Video mode
•
Support for up to two D-PHY data lanes
•
Bidirectional communication and Escape mode support through data lane 0
•
Support for non-continuous clock in D-PHY clock lane for additional power saving
•
Support for Ultra Low-Power mode with PLL disabled
•
ECC and Checksum capabilities
•
Support for End of Transmission Packet (EoTp)
•
Fault recovery schemes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com