Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDU340 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PDU340
Description  3A ULTRA-FAST RECOVERY RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PDU340 Datasheet(HTML) 1 Page - Diodes Incorporated

  PDU340 Datasheet HTML 1Page - Diodes Incorporated PDU340 Datasheet HTML 2Page - Diodes Incorporated PDU340 Datasheet HTML 3Page - Diodes Incorporated PDU340 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
e3
DS30758 Rev. 2 - 2
1 of 4
PDU340
PowerDI is a trademark of Diodes Incorporated.
www.diodes.com
ã Diodes Incorporated
PDU340
3A ULTRA-FAST RECOVERY RECTIFIER
PowerDI ä5
Features
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Mechanical Data
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
400
V
RMS Reverse Voltage
VR(RMS)
283
V
Average Rectified Output Current (See also figure 4)
IO
3A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave Superimposed on Rated Load
IFSM
55
A
Maximum Ratings
@ TA = 25
°C unless otherwise specified
Characteristic
Symbol
Typ
Max
Unit
Thermal Resistance Junction to Soldering Point
RqJS
¾
5
°C/W
Thermal Resistance Junction to Ambient Air (Note 2)
TA = 25
°C
RqJA
100
¾°C/W
Thermal Resistance Junction to Ambient Air (Note 3)
TA = 25
°C
RqJA
60
¾°C/W
Thermal Resistance Junction to Ambient Air (Note 4)
TA = 25
°C
RqJA
40
¾°C/W
Operating Temperature Range
Tj
-65 to +175
°C
Storage Temperature Range
TSTG
-65 to +175
°C
Notes:
1. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see
EU Directive Annex Notes 5 and 7.
2. FR-4 PCB, 2 oz. Copper, minimum recommended pad layout per http://www.diodes.com/datasheets/ap02001.pdf.
3. Polymide PCB, 2 oz. Copper, minimum recommended pad layout per http://www.diodes.com/datasheets/ap02001.pdf.
4. Polymide PCB, 2 oz. Copper. Cathode pad dimensions 9.4mm x 7.2mm. Anode pad dimensions 2.7mm x 1.6mm.
Thermal Characteristics
·
Case: PowerDIä5
·
Case Material: Molded Plastic, “Green” Molding
Compound. UL Flammability Classification Rating 94V-0
·
Moisture sensitivity: Level 1 per J-STD-020C
·
Terminals: Finish – Matte Tin annealed over Copper
leadframe. Solderable per MIL-STD-202, Method 208
·
Polarity: See Diagram on Page 4
·
Marking: See Page 3
·
Weight: 0.094 grams (approx.)
·
Glass Passivated Die Construction
·
Ultra-Fast Recovery Time for High Efficiency
·
High Maximum Junction Temperature
·
For Use in High Frequency Inverters, Free Wheeling, and
Polarity Protection Applications
·
High Forward Surge Current Capability
·
Lead Free Finish, RoHS Compliant (Note 1)
·
"Green" Molding Compound (No Br, Sb)
·
Qualified to AEC-Q101 Standards for High Reliability
TOP VIEW
BOTTOM VIEW
SPICE MODEL: PDU340


Similar Part No. - PDU340

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PDU340 DIODES-PDU340 Datasheet
486Kb / 6P
3A ULTRA-FAST RECOVERY RECTIFIER
Rev 3
PDU340-13 DIODES-PDU340-13 Datasheet
486Kb / 6P
3A ULTRA-FAST RECOVERY RECTIFIER
Rev 3
PDU340 DIODES-PDU340_15 Datasheet
128Kb / 4P
3A ULTRA-FAST RECOVERY RECTIFIER PowerDI 5
Rev erse
PDU340 DIODES-PDU340_16 Datasheet
486Kb / 6P
3A ULTRA-FAST RECOVERY RECTIFIER
Rev 3
More results

Similar Description - PDU340

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
BYT56A FRONTIER-BYT56A Datasheet
128Kb / 2P
3A ULTRA FAST RECOVERY RECTIFIER
FUF5400 FRONTIER-FUF5400 Datasheet
134Kb / 2P
3A GLASS PASSIVATED ULTRA FAST RECOVERY RECTIFIER
HER301 FRONTIER-HER301 Datasheet
129Kb / 2P
3A ULTRA FAST RECOVERY RECTIFIER
HER301-LFR FRONTIER-HER301-LFR Datasheet
129Kb / 2P
3A ULTRA FAST RECOVERY RECTIFIER
UF5400G FRONTIER-UF5400G Datasheet
129Kb / 2P
3A GLASS PASSIVATED ULTRA FAST RECOVERY RECTIFIER
UF5400G-LFR FRONTIER-UF5400G-LFR Datasheet
129Kb / 2P
3A GLASS PASSIVATED ULTRA FAST RECOVERY RECTIFIER
UF5400-LFR FRONTIER-UF5400-LFR Datasheet
129Kb / 2P
3A ULTRA FAST RECOVERY RECTIFIER
US3A-LFR FRONTIER-US3A-LFR Datasheet
130Kb / 2P
3A ULTRA FAST RECOVERY SURFACE MOUNT RECTIFIER
HER301G FRONTIER-HER301G Datasheet
970Kb / 2P
3A ULTRA FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
PDU340 DIODES-PDU340_16 Datasheet
486Kb / 6P
3A ULTRA-FAST RECOVERY RECTIFIER
Rev 3
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com