Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H757AII6TR Datasheet(PDF) 77 Page - STMicroelectronics

Part # STM32H757AII6TR
Description  Dual 32-bit Arm® Cortex®-M7 up to 480MHz and -M4 MCUs, 2MB Flash, 1MB RAM, 46 com. and analog interfaces, SMPS, DSI, crypto
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H757AII6TR Datasheet(HTML) 77 Page - STMicroelectronics

Back Button STM32H757AII6TR Datasheet HTML 73Page - STMicroelectronics STM32H757AII6TR Datasheet HTML 74Page - STMicroelectronics STM32H757AII6TR Datasheet HTML 75Page - STMicroelectronics STM32H757AII6TR Datasheet HTML 76Page - STMicroelectronics STM32H757AII6TR Datasheet HTML 77Page - STMicroelectronics STM32H757AII6TR Datasheet HTML 78Page - STMicroelectronics STM32H757AII6TR Datasheet HTML 79Page - STMicroelectronics STM32H757AII6TR Datasheet HTML 80Page - STMicroelectronics STM32H757AII6TR Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 251 page
background image
DS12931 Rev 1
77/251
STM32H757xI
Pin descriptions
104
-
-
108
126
-
VDD12DSI
S
-
-
-
-
G2
H12
-
127
K16
DSI_D1P
I/O
TT
-
-
-
G1
H13
-
128
K17
DSI_D1N
I/O
TT
-
-
-
-
G13
109
129
L15
VSSDSI
S
-
-
-
-
-
---
J14
PK0
I/O
FT
-
TIM1_CH1N,
TIM8_CH3, SPI5_SCK,
LCD_G5, EVENTOUT
-
-
---
J15
PK1
I/O
FT
-
TIM1_CH1,
TIM8_CH3N,
SPI5_NSS, LCD_G6,
EVENTOUT
-
-
---
H17
PK2
I/O
FT
-
TIM1_BKIN,
TIM8_BKIN,
TIM8_BKIN_COMP12,
TIM1_BKIN_COMP12,
LCD_G7, EVENTOUT
-
G3
H7
110
130
H16
PG2
I/O
FT_
h
-
TIM8_BKIN,
TIM8_BKIN_COMP12,
FMC_A12, EVENTOUT
-
G4
G8
111
131
H15
PG3
I/O
FT_
h
-
TIM8_BKIN2,
TIM8_BKIN2_COMP12,
FMC_A13, EVENTOUT
-
--
112
132
-
VSS
S
-
-
-
-
-
E12
113
133
N7
VDD
S
-
-
-
-
F4
G10
114
134
H14
PG4
I/O
FT_
h
-
TIM1_BKIN2,
TIM1_BKIN2_COMP12,
FMC_A14/FMC_BA0,
EVENTOUT
-
F1
G9
115
135
G14
PG5
I/O
FT_
h
-
TIM1_ETR,
FMC_A15/FMC_BA1,
EVENTOUT
-
-
G11
116
136
G15
PG6
I/O
FT_
h
-
TIM17_BKIN,
HRTIM_CHE1,
QUADSPI_BK1_NCS,
FMC_NE3, DCMI_D12,
LCD_R7, EVENTOUT
-
Table 8. STM32H757xI pin/ball definition (continued)
Pin/ball name
Pin name
(function
after reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com