Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS2405IDD23 Datasheet(PDF) 2 Page - Littelfuse

Part # LS2405IDD23
Description  24V, 5A Very Low Forward Voltage Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LS2405IDD23 Datasheet(HTML) 2 Page - Littelfuse

  LS2405IDD23 Datasheet HTML 1Page - Littelfuse LS2405IDD23 Datasheet HTML 2Page - Littelfuse LS2405IDD23 Datasheet HTML 3Page - Littelfuse LS2405IDD23 Datasheet HTML 4Page - Littelfuse LS2405IDD23 Datasheet HTML 5Page - Littelfuse LS2405IDD23 Datasheet HTML 6Page - Littelfuse LS2405IDD23 Datasheet HTML 7Page - Littelfuse LS2405IDD23 Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Protection IC Datasheet
© 2022 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: FW.12/01/22
LS2405IDD23
24V, 5A Very Low Forward Voltage Diode
Absolute Maximum Rating (Reference to GND)
* Notes:Stress exceeding those listed “Absolute Maximum Ratings” may damage the device.
Symbol
Value
Units
Supply Voltage IN, OUT, AOUT
-0.3 to +28
V
Control Pin EN
-0.3 to +28
V
Control Pin DISC
-0.3 to +6
V
ESD, Human Body Model (HBM)
±2000
V
Junction Temperature Range
-40 to +150
°C
Storage Temperature Range
-65 to +150
°C
Lead Temperature (Soldering 10s)
260
°C
Recommend Operating Conditions
Symbol
Value
Units
Supply Input Voltage, V
IN
+3 to +24
V
Operating Voltage, V
OUT
+2.7 to +24
V
Junction Temperature Range
-40 to +125
°C
* Notes: The device is not guaranteed to function outside of the recommended operating conditions.
Symbol
Value
Units
Maximum Power Dissipation (T
A=25°C )
1.4
W
Thermal Resistance (
θ
JA)
72.11
°C/W
Thermal Resistance (
θ
JC)
30.14
°C/W
Note1: Measured on JESD51-7, 4-Layer PCB.
Note 2: The maximum allowable power dissipation is a function of the maximum junction temperature T
J_MAX,
the junction to ambient thermal resistance
θ
JA, and the ambient temperature TA. The maximum allowable
continuous power dissipation at any ambient temperature is calculated by P
D_MAX= (TJ_MAX-TA)/θJA. Exceeding
the maximum allowable power dissipation will cause excessive die temperature, and the regulator will go into
thermal shutdown. Internal thermal shutdown circuitry protects the device from permanent damage.
Thermal information
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
V
IN
Input Voltage Range
2.7
24
V
I
IN
Quiescent Current
V
IN =5V, VEN=5V, IOUT=0
300
350
µA
I
AOUT
V
IN =0V, VOUT=VAOUT=VEN=5V, IOUT=0
90
µA
I
STBY
Standby Current
(Intenal MOSFET Disabled)
V
IN =24V, VEN=0V
4
6
µA
V
ENR
EN Turn-on Threshold
EN Rising
1.1
1.2
1.3
V
V
ENF
EN Turn-off Threshold
EN Falling
0.9
1.0
1.1
V
I
EN
EN Internal Pull up Current
V
EN =1.2V
0.1
0.5
µA
V
OUTR
Output UVLO Rising Threshold
AOUT=OUT, Output Rising
2.1
2.2
2.3
V
V
OUTF
Output UVLO Falling Threshold
AOUT=OUT, Output Falling
1.95
2.05
2.15
V
t
ON
MOSFET Turn-On Time
From EN Lo-to-Hi to MOSFET fully On
90
µs
t
OFF
MOSFET Turn-Off Time
From V
OUT-VIN>15mV to MOSFET off
300
ns
△VSD
Source-Drain Regulation Voltage
I
OUT=100mA
10
25
40
mV
△
V
REV
Source-Drain Reverse Current
Blocking Threshold Voltage
-15
mV
V
DIODE
N-Channel MOSFET Body diode
Forward Voltage Drop
V
IN=5V, VEN=0V, IOUT=100mA
0.6
0.8
V
R
DS(ON)
N-Channel MOSFET Ron
V
IN=VEN=5V, IOUT= 2A
35
mΩ
I
NCH_LKG
N-Channel MOSFET Leakage
Current
V
IN=VEN=0V, VOUT=24V, Measure IIN
1
10
µA
V
HI
DISC Logic Input High
1.2
V
V
LO
DISC Logic Input Low
0.4
V
R
DPD
DISC Internal Pull Down Resistor
700
1000
1300
kΩ
R
DISC
Input Voltage Discharge Resistor
V
IN=VDISC=5V, VEN=0V
50
100
Ω
Electrical Characteristics (T
A = +25°C, VIN=12V, OUT=AOUT=EN, CIN=COUT= 1µF, unless otherwise specified)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com