Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM58201 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM58201
Description  Multiplexed LCD Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM58201 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  MM58201 Datasheet HTML 1Page - National Semiconductor (TI) MM58201 Datasheet HTML 2Page - National Semiconductor (TI) MM58201 Datasheet HTML 3Page - National Semiconductor (TI) MM58201 Datasheet HTML 4Page - National Semiconductor (TI) MM58201 Datasheet HTML 5Page - National Semiconductor (TI) MM58201 Datasheet HTML 6Page - National Semiconductor (TI) MM58201 Datasheet HTML 7Page - National Semiconductor (TI) MM58201 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Voltage at Any Pin
VSS b03V to VSS a18V
Operating Temperature Range
0 Cto70 C
Storage Temperature Range
b
65 Cto a150 C
Power Dissipation at 25 C
Molded DIP Package board mount
29W
Molded DIP Package socket mount
26W
Molded DIP Package board mount
iJA e 43 CW
derate 233m W C above 25 C
Molded DIP Package socket mount
iJA e 47 CW
derate 213m W C above 25 C
Operating VDD Range
VSS a70V to VSS a180V
Lead Temperature (Soldering
10 seconds)
300 C
DC Electrical Characteristics Minmax limits apply across temperature range unless otherwise noted
Symbol
Parameter
Conditions
Min
Typ
Max
Units
ICC
Quiescent Supply Current
03
mA
VIN(1)
Logical ‘‘1’’ Input Voltage
045 VDD
VDD a03
V
VIN(0)
Logical ‘‘0’’ Input Voltage
VSSb03
10
V
VOUT(0)
Logical ‘‘0’’ Output Voltage
ISINK e 06 mA
04
V
IOUT(1)
Logical ‘‘1’’ Output Leakage
VOUT e VDD
0
g
10
m
A
Current
IIN(1)
Logical ‘‘1’’ Input Leakage
VIN e VDD
0
10
m
A
Current
IIN(0)
Logical ‘‘0’’ Input Leakage
VIN e VSS
b
10
0
m
A
Current
VTC
Input Voltage
45
VDDa03
V
VTC
Input Impedance
10
30
kX
ZOUT
Output Impedance
Backplane and Segment
10
kX
Outputs
ZOUT
DC Offset Voltage
Between Any Backplane
0
g
10
mV
and Segment Output
AC Electrical Characteristics TA and VDD within operating range unless otherwise noted
Symbol
Parameter
Conditions
Min
Typ
Max
Units
fOSC
Oscillator Frequency
128h
400h
Hz
fCLK IN
Clock Frequency
DC
100
kHz
tON
Clock Pulse Width
50
m
s
tOFF
Clock OFF Time
50
m
s
tS
Input Data Set-Up Time
20
m
s
tH
Input Data Hold Time
10
m
s
tACC
Access Time
50
m
s
tr
Rise Time
Backplane Segment Outputs
60
m
s
CL e 2000 pF
tf
Fall Time
Backplane Segment Outputs
60
m
s
CL e 2000 pF
h
is the number of backplanes programmed
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com