Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MU42 Datasheet(PDF) 1 Page - ams AG

Part # MU42
Description  4-input to 1-output digital multiplexer with 2x drive strength
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

MU42 Datasheet(HTML) 1 Page - ams AG

  MU42 Datasheet HTML 1Page - ams AG MU42 Datasheet HTML 2Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MU42 is a 4-input to 1-output digital multiplexer with 2x drive strength.
Truth Table
I0
I1
S1
Q
S0
I2
I3
Capacitance
S1
S0
Q
Ci (pF)
L
L
I0
I0
0.026
L
H
I1
I1
0.021
H
L
I2
I2
0.024
H
H
I3
I3
0.015
S0
0.064
S1
0.029
Area
Power
1.49 mils
2
4.20 µW / MHz
Delay [ns] = tpd.. = f(SL, L)
with SL = Input Slope [ns] ; L = Output Load [pF]
Output Slope [ns] = op_sl.. = f(L)
with L = Output Load [pF]
AC Characteristics :
Tj = 25°C
VDD = 3.3V
Typical Process
AC Characteristics
Characteristics
Symbol
SL = 0.1
SL = 2.0
L = 0.2
L = 1.4
L = 2.0
L = 0.2
L = 1.4
L = 2.0
Delay I0 to Q
tpdi0r
1.06
3.73
5.21
1.11
3.92
5.32
tpdi0f
0.99
2.91
3.95
1.16
3.10
4.14
Delay I1 to Q
tpdi1r
1.04
3.72
5.16
1.10
3.88
5.13
tpdi1f
1.01
2.92
3.93
1.17
3.13
4.04
Delay I2 to Q
tpdi2r
1.01
3.79
5.03
1.05
3.85
5.18
tpdi2f
1.40
3.32
4.31
1.60
3.52
4.50
Delay I3 to Q
tpdi3r
1.03
3.74
5.25
1.08
3.87
5.11
tpdi3f
1.39
3.31
4.24
1.58
3.50
4.49
Delay S0 to Q
tpds0r
1.36
4.07
5.53
1.68
4.35
5.88
tpds0f
1.61
3.52
4.49
1.80
3.72
4.70
Delay S1 to Q
tpds1r
0.82
3.62
4.92
1.00
3.77
5.02
tpds1f
0.76
2.73
3.71
1.08
2.97
4.03
Output Slope I0 to Q
op_sli0r
1.83
10.02
14.41
1.78
10.13
14.35
op_sli0f
1.32
6.78
9.66
1.32
6.82
9.61
Output Slope I1 to Q
op_sli1r
1.83
10.02
14.41
1.78
10.17
14.13
op_sli1f
1.33
6.78
9.46
1.33
6.82
9.58
Output Slope I2 to Q
op_sli2r
1.85
10.18
14.27
1.83
10.13
14.40
op_sli2f
1.45
6.75
9.51
1.42
6.76
9.43
Sept. 1996
- 216 -
Rev. N/C
Austria Mikro S ysteme International
R
0.6 µm CMOS
CUB
MU42
MU42


Similar Part No. - MU42

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
MU425S SLPOWER-MU425S Datasheet
639Kb / 3P
425W Single Output
MU425S12E SLPOWER-MU425S12E Datasheet
639Kb / 3P
425W Single Output
MU425S18E SLPOWER-MU425S18E Datasheet
639Kb / 3P
425W Single Output
MU425S24E SLPOWER-MU425S24E Datasheet
639Kb / 3P
425W Single Output
MU425S48E SLPOWER-MU425S48E Datasheet
639Kb / 3P
425W Single Output
More results

Similar Description - MU42

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AND6 ETC-AND6 Datasheet
12Kb / 2P
6-input AND gate with 1x drive strength
logo
ams AG
OR62 AMSCO-OR62 Datasheet
13Kb / 2P
OR62 is a 6-input OR gate with 2x drive strength
EO12 AMSCO-EO12 Datasheet
9Kb / 1P
EO12 is a 2-input EXCLUSIVE-OR (XOR) gate with 2x drive strength
NA72 AMSCO-NA72 Datasheet
13Kb / 2P
NA72 is a 7-input NAND gate with 2x drive strength
OR22 AMSCO-OR22 Datasheet
8Kb / 1P
2-input OR gate with 2x drive strength
INA22 AMSCO-INA22 Datasheet
10Kb / 1P
2-input NAND gate with one inverted input 2x drive strength
MU82 AMSCO-MU82 Datasheet
13Kb / 2P
8-input to 1-output digital multiplexer with 2x drive strength
logo
List of Unclassifed Man...
NA82 ETC1-NA82 Datasheet
13Kb / 2P
NA82 is an 8-input NAND gate with 2x drive strength.
logo
ams AG
OR2 AMSCO-OR2 Datasheet
12Kb / 1P
2-input OR gate with 1x drive strength
AND52 AMSCO-AND52 Datasheet
12Kb / 1P
5-input AND gate with 2x drive strength.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com