Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13LED20 Datasheet(PDF) 1 Page - ANADIGICS, Inc

Part # 13LED20
Description  1300nm Surface Emitting LED
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

13LED20 Datasheet(HTML) 1 Page - ANADIGICS, Inc

  13LED20 Datasheet HTML 1Page - ANADIGICS, Inc 13LED20 Datasheet HTML 2Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
13LED20
1300nm Surface Emitting LED
FEATURES
•
Planar Structure
•
Dielectric Passivation
•
100% Purge Burn-in
APPLICATIONS
•
Optical Data Communications Systems
•
E1 / T1 Communication Systems
•
Analog Transmission Systems
13LED20-1xx
TO can Package
13LED20-5xx
FC Receptacle
PRODUCT DESCRIPTION
The 13LED20 is a 1300nm surface emitting
LED. It is intended for use in low cost, short
haul
multi-mode optical communication
systems operating to 100MB/s and for use in
optical test and measurement equipment.
The device can be assembled in a TO can or
mounted in an SC, ST or FC receptacle.
Custom packages are an option.
ELECTRICAL CHARACTERISTICS
Table 1: Electrical Specifications
PARAMETER
MIN
TYP
MAX
UNIT
Total output power
-
1
-
mW
Minimum coupled power
(1)
30
-
-
μW
Peak wavelength
1260
1300
1340
nm
Spectral width
-
120
-
nm
Rise / Fall time
-
6
-
ns
(1) Coupled to 62.5/125 fiber @ 100mA forward current
Table 2: Absolute Maximum Ratings
PARAMETER
MIN
MAX
UNIT
Forward Current
-
125
mA
Operating Case Temperature
-40
+85
ºC
Storage Temperature
-40
+85
ºC
Soldering temperature (10 seconds)
-
+250
ºC
Stresses in excess of the absolute ratings may cause permanent damage. Functional operation
is not implied under these conditions. Exposure to absolute ratings for extended periods of time
may adversely affect reliability.


Similar Description - 13LED20

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE30002 NTE-NTE30002 Datasheet
73Kb / 2P
Light Emitting Diode (LED) 0805 Surface Mount
NTE30005 NTE-NTE30005 Datasheet
73Kb / 2P
Light Emitting Diode (LED) 0603 Surface Mount
NTE30011 NTE-NTE30011 Datasheet
68Kb / 2P
Light Emitting Diode (LED) PLCC Surface Mount
NTE30018 NTE-NTE30018 Datasheet
86Kb / 2P
Light Emitting Diode (LED) 0603 Surface Mount
NTE30022 NTE-NTE30022 Datasheet
86Kb / 2P
Light Emitting Diode (LED) 0805 Surface Mount
NTE30026 NTE-NTE30026 Datasheet
83Kb / 2P
Light Emitting Diode (LED) PLCC Surface Mount
NTE30074 NTE-NTE30074 Datasheet
92Kb / 3P
Light Emitting Diode (LED) 1206 Surface Mount
NTE30088 NTE-NTE30088 Datasheet
88Kb / 2P
Light Emitting Diode (LED) SOT−23 Surface Mount
logo
M/A-COM Technology Solu...
LDTLH-040FCR MA-COM-LDTLH-040FCR Datasheet
112Kb / 2P
1300nm Edge-Emitting LED
logo
Marktech Corporate
MTE1300SL-WRC MARKTECH-MTE1300SL-WRC Datasheet
643Kb / 3P
Peak Emission Wavelength: 1300nm
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com